Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDUD02N70 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SDUD02N70
Description  Super high dense cell design for low RDS(ON)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDUD02N70 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SDUD02N70 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDUD02N70 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDUD02N70 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDUD02N70 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDUD02N70 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDUD02N70 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDUD02N70 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDUD02N70 Datasheet HTML 9Page - SamHop Microelectronics Corp. SDUD02N70 Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SDU/D02N70
Ver 1.1
www.samhop.com.tw
Dec,24,2013
6
TO-252
L3
b2
b
L2
L
A1
L1
A
MAX
MIN
c
c2
D
D1
e
H
E1
MILLIMETERS
SYMBOLS
E
b3
E
b3
H
L3
D
L4
b2
b
e
1
2
3
A
c2
c
E1
D1
L1
A1
L2
DETAIL "A"
DETAIL "A"
2.200
2.380
0.000
0.127
0.635
0.889
0.762
1.143
5.200
5.460
0.450
0.600
0.450
0.580
6.000
6.223
5.210
2.286 BSC
6.400
6.731
4.318
9.400
10.400
L4
1.400
1.770
2.743 REF
L
0.508 BSC
0.890
1.270
0.640
1.010
10°
4.900
5.380



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com