Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX458 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FCX458
Description  400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX458 Datasheet(HTML) 4 Page - Diodes Incorporated

  FCX458_15 Datasheet HTML 1Page - Diodes Incorporated FCX458_15 Datasheet HTML 2Page - Diodes Incorporated FCX458_15 Datasheet HTML 3Page - Diodes Incorporated FCX458_15 Datasheet HTML 4Page - Diodes Incorporated FCX458_15 Datasheet HTML 5Page - Diodes Incorporated FCX458_15 Datasheet HTML 6Page - Diodes Incorporated FCX458_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FCX458
Document number: DS33053 Rev. 6 - 2
4 of 7
www.diodes.com
December 2014
© Diodes Incorporated
FCX458
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
400
—
—
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 11)
BVCEO
400
—
—
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
7
—
—
V
IE = 100µA
Collector-Base Cutoff Current
ICBO
—
<1
100
nA
VCB = 320V
Collector Cutoff Current
ICES
—
<1
100
nA
VCES = 320V
Emitter Cutoff Current
IEBO
—
<1
100
nA
VEB = 5.6V
Collector-Emitter Saturation Voltage (Note 11)
VCE(sat)
—
—
—
—
200
500
mV
IC = 20mA, IB = 2mA
IC = 50mA, IB = 6mA
Base-Emitter Saturation Voltage (Note 11)
VBE(sat)
—
—
900
mV
IC = 50mA, IB = 5mA
Base-Emitter Turn-On Voltage (Note 11)
VBE(on)
—
—
900
mV
IC = 50mA, VCE = 10V
DC Current Gain (Note 11)
hFE
100
100
15
—
300
—
IC = 1mA, VCE = 10V
IC = 50mA, VCE = 10V
IC = 100mA, VCE = 10V
Transitional Frequency
fT
50
—
—
MHz
IC = 10mA, VCE = 20V,
f = 20MHz
Output Capacitance
Cobo
—
—
5
pF
VCB = 20V. f = 1MHz
Turn-On Time
ton
—
135
—
ns
IC =50mA, VCE=100V,
IB1 = 5mA, IB2 = -10mA
Turn-Off Time
toff
—
2260
—
ns
Note:
11
. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com