Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SWT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BAT54SWT1
Description  Dual Series Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BAT54SWT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  BAT54SWT1 Datasheet HTML 1Page - Leshan Radio Company BAT54SWT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
BAT54SWT1–1/2
1
3
2
DEVICE MARKING
BAT54LT1 = B8
MAXIMUM RATINGS (T J = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
30
Volts
Forward Power Dissipation
P F
@ T A = 25°C
200
mW
Derate above 25°C
1.6
mW/°C
Forward Current(DC)
IF
200Max
mA
Junction Temperature
T J
125Max
°C
Storage Temperature Range
T stg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (I R = 10
µA)
V(BR)R
30
Volts
Total Capacitance (V R = 1.0 V, f = 1.0 MHz)
CT
7.6
10
pF
Reverse Leakage (V R = 25 V)
IR
0.5
2.0
µAdc
Forward Voltage (I F = 0.1 mAdc)
VF
0.22
0.24
Vdc
Forward Voltage (I F = 30 mAdc)
VF
0.41
0.5
Vdc
Forward Voltage (I F = 100 mAdc)
VF
0.52
0.8
Vdc
Reverse Recovery Time
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1)
trr
5.0
ns
Forward Voltage (I F = 1.0 mAdc)
VF
0.29
0.32
Vdc
Forward Voltage (I F = 10 mAdc)
VF
0.35
0.40
Vdc
Forward Current (DC)
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
600
mAdc
BAT54SWT1
CASE 419, STYLE 9
SOT–323 (SC–70)
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low forward
voltage reduces conduction loss. Miniature surface mount package is excel-
lent for hand held and portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ I F = 10 mAdc
30 VOLTS DUAL SERIES
SCHOTTKY AND BARRIER
DIODES
ORDERING INFORMATION
Device
Package
Shipping
BAT54SWT1
SOT–323
3000/Tape & Reel
Preferred: devices are recommended choices for future use and best overall value.
3
CATHODE/ANODE
ANODE
1
CATHODE
2
Dual Series Schottky
Barrier Diodes


Similar Part No. - BAT54SWT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAT54SWT1 MOTOROLA-BAT54SWT1 Datasheet
80Kb / 4P
30 VOLT DUAL SERIES SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54SWT1 ONSEMI-BAT54SWT1 Datasheet
49Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 8
logo
Fairchild Semiconductor
BAT54SWT1G FAIRCHILD-BAT54SWT1G Datasheet
88Kb / 3P
Schottky Diodes
logo
ON Semiconductor
BAT54SWT1G ONSEMI-BAT54SWT1G Datasheet
49Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 8
BAT54SWT1G ONSEMI-BAT54SWT1G Datasheet
135Kb / 4P
Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 10
More results

Similar Description - BAT54SWT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
BAT54SWT1 ONSEMI-BAT54SWT1 Datasheet
49Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 8
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
Dual Series Schottky Barrier Diodes
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
Dual Series Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com