Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC490 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMC490
Description  blue led
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC490 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMC490 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC490 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMC490 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMC490 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
SMC490
v 2.1 06.11.2014
Description
SMC490 is a surface mount InGaN LED with a typical peak wavelength of 490 nm and radiation of
6.1 mW. It comes in SMD package (ceramic) and is sealed with silicone or epoxy resin.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
190
mW
Forward Current
IF
50
mA
Pulse Forward Current *
1
IFP
100
mA
Reverse Voltage
VF
5
V
Thermal Resistance
RTHJA
150
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TCASE
- 40
+ 100
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 250
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 3 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
*
2 measured by CIE127-2007 Condition B
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=20mA
480
490
500
nm
Half Width
∆λ
IF=20mA
32
nm
Forward Voltage
VF
IF=20mA
3.4
3.8
V
VFP
IFP=100mA
4.6
Radiated Power *
1
PO
IF=20mA
6.1
mW
IFP=100mA
22
Radiant Intensity *
2
IE
IF=20mA
4.2
mW/sr
IFP=100mA
15
Brightness
IV
IF=20mA
430
mcd
Viewing Angle
φ
IF=20mA
128
deg.
Rise Time
tR
IF=20mA
70
ns
Fall Time
tF
IF=20mA
140
ns


Similar Part No. - SMC490

ManufacturerPart #DatasheetDescription
logo
Semtron Microtech Corpo...
SMC4923M SEMTRON-SMC4923M Datasheet
580Kb / 5P
Dual P-Channel MOSFET
Rev.A3
SMC4931M SEMTRON-SMC4931M Datasheet
574Kb / 5P
Dual P-Channel MOSFET
Rev.A3.1
SMC4953AM SEMTRON-SMC4953AM Datasheet
634Kb / 5P
Dual P-Channel MOSFET
Rev.A1
More results

Similar Description - SMC490

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB310B NICHIA-NSPB310B Datasheet
227Kb / 15P
BLUE LED
NSPB500AS NICHIA-NSPB500AS Datasheet
230Kb / 15P
BLUE LED
NSPB513 NICHIA-NSPB513 Datasheet
228Kb / 15P
BLUE LED
NSPB520S NICHIA-NSPB520S Datasheet
295Kb / 15P
BLUE LED
logo
Marl International Limi...
NSPB300B MARL-NSPB300B Datasheet
474Kb / 14P
BLUE LED
NSPB500AS MARL-NSPB500AS Datasheet
489Kb / 14P
BLUE LED
NSPB510AS MARL-NSPB510AS Datasheet
696Kb / 14P
BLUE LED
logo
Lucky Light Electronic
LL-484BC1C-B4-3B LUCKY-LIGHT-LL-484BC1C-B4-3B Datasheet
135Kb / 7P
Blue LED
LL-304BC4B-B4-2GD LUCKY-LIGHT-LL-304BC4B-B4-2GD_15 Datasheet
134Kb / 7P
Blue LED
LL-544BD2I-B4-3B-T LUCKY-LIGHT-LL-544BD2I-B4-3B-T_15 Datasheet
134Kb / 7P
Blue LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com