Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC910 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMC910
Description  Invisible LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC910 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMC910 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC910 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28.11.2011
SMC910
1 of 2
SMC910
TECHNICAL DATA
Invisible LED, SMD
AlGaAs
SMC910 are AlGaAs LEDs mounted on a ceramic SMD package and sealed with silicone or epoxy
resin for damp proof. On forward bias, it emits a radiation of typical 8 mW at a peak wavelength of
910 nm.
Specifications
(Unit: mm)
• Structure: AlGaAs
• Peak Wavelength: typ. 910 nm
• Optical Output Power: typ. 5 mW
• Package: Ceramic SMD, silicon or epoxy resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
160
mW
Forward Current
IF
100
mA
Pulse Forward Current *
1
IFP
500
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30 … +80
°C
Storage Temperature
Tstg
-30 … +80
°C
Soldering Temperature *
2
Tsol
255
°C
*
1 duty = 1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 50 mA
-
1.30
1.50
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power
PO
IF = 50 mA
2.5
5.0
-
mW
Radiation Intensity
IE
IF = 50 mA
-
2.0
-
mW/sr
Peak Wavelength
λ
P
IF = 50 mA
900
910
920
nm
Half Width
Δλ
IF = 50 mA
-
40
-
nm
Viewing Half Angle
Θ
1/2
IF = 50 mA
-
±63
-
deg.
Rise Time
tr
IF = 50 mA
-
1000
-
ns
Fall Time
tf
IF = 50 mA
-
400
-
ns
Radiation Intensity is measured by Tektronix J-6512
Total Radiated Power is measured by Photodyne #500
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMC910

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMC91 LITEON-SMC91 Datasheet
50Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMC918 LITEON-SMC918 Datasheet
50Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
FEAST Fast Ethernet Controller
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
More results

Similar Description - SMC910

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMC870 ROITHNER-SMC870 Datasheet
143Kb / 2P
Invisible LED
SMC890 ROITHNER-SMC890 Datasheet
142Kb / 2P
Invisible LED
logo
Rohm
RLD90QZW3 ROHM-RLD90QZW3 Datasheet
1Mb / 9P
905nm Invisible Pulsesd Laser Diode
RLD90QZW5 ROHM-RLD90QZW5 Datasheet
1Mb / 9P
905nm Invisible Pulsesd Laser Diode
RLD90QZW6 ROHM-RLD90QZW6 Datasheet
1Mb / 9P
905nm Invisible Pulsesd Laser Diode
RLD90QZW8 ROHM-RLD90QZW8 Datasheet
1Mb / 9P
905nm Invisible Pulsesd Laser Diode
RLD90QZWC-00X ROHM-RLD90QZWC-00X Datasheet
1Mb / 10P
905nm Invisible Pulsesd Laser Diode
2022.11 - Rev.001
RLD90QZWD-00X ROHM-RLD90QZWD-00X Datasheet
1Mb / 10P
905nm Invisible Pulsesd Laser Diode
2022.11 - Rev.001
RLD90QZWJ-10X ROHM-RLD90QZWJ-10X Datasheet
1Mb / 10P
905nm Invisible Pulsesd Laser Diode
2022.11 - Rev.001
RLD2BPNG5 ROHM-RLD2BPNG5 Datasheet
981Kb / 9P
780nm Invisible 2beam Laser Diode
2023.6 - Rev.004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com