Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC970 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMC970
Description  Violet LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC970 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMC970 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC970 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14.11.2013
SMC970
1 of 2
SMC970
TECHNICAL DATA
Violet LED, SMD
GaAs
SMC970 are GaAs LEDs mounted on a ceramic SMD package and sealed with silicone or epoxy
resin for damp proof. On forward bias, it emits a radiation of typical 4 mW at a peak wavelength of
970 nm.
Specifications
(Unit: mm)
• Structure: GaAs
• Peak Wavelength: typ. 970 nm
• Optical Output Power: typ. 4 mW
• Package: Ceramic SMD, silicone / epoxy resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
140
mW
Forward Current
IF
100
mA
Pulse Forward Current *
1
IFP
500
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-20 … +80
°C
Storage Temperature
Tstg
-30 … +80
°C
Soldering Temperature *
Tsol
240
°C
*
1 duty = 1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 50 mA
-
1.30
1.45
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power
PO
IF = 50 mA
2.0
4.0
-
mW
Radiation Intensity
IE
IF = 50 mA
-
1.5
-
mW/sr
Peak Wavelength
λ
P
IF = 50 mA
960
970
980
nm
Half Width
Δλ
IF = 50 mA
-
50
-
nm
Viewing Half Angle
Θ
1/2
IF = 50 mA
-
±55
-
deg.
Rise Time
tr
IF = 50 mA
-
1000
-
ns
Fall Time
tf
IF = 50 mA
-
500
-
ns
Radiation Intensity is measured by Tektronix J-6512
Total Radiated Power is measured by Photodyne #500
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMC970

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SMC9-65608EV-30SB ATMEL-SMC9-65608EV-30SB Datasheet
340Kb / 15P
Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
SMC9-65608EV-45SB ATMEL-SMC9-65608EV-45SB Datasheet
340Kb / 15P
Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
logo
SUNMATE electronic Co.,...
SMC9.0 SUNMATE-SMC9.0 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC9.0A SUNMATE-SMC9.0A Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC9.0C SUNMATE-SMC9.0C Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMC970

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5355-UV MARKTECH-MT5355-UV Datasheet
689Kb / 2P
Ultra Violet LED
MT5365-UV MARKTECH-MT5365-UV Datasheet
692Kb / 2P
Ultra Violet LED
MT5375-UV MARKTECH-MT5375-UV Datasheet
697Kb / 2P
Ultra Violet LED
MT5400-UV MARKTECH-MT5400-UV Datasheet
1Mb / 4P
Ultra Violet LED
MT5355-UV MARKTECH-MT5355-UV_15 Datasheet
689Kb / 2P
Ultra Violet LED
MT5365-UV MARKTECH-MT5365-UV_15 Datasheet
692Kb / 2P
Ultra Violet LED
MT5375-UV MARKTECH-MT5375-UV_15 Datasheet
697Kb / 2P
Ultra Violet LED
MT5385-UV MARKTECH-MT5385-UV_15 Datasheet
1Mb / 4P
Ultra Violet LED
logo
Roithner LaserTechnik G...
SMC395 ROITHNER-SMC395 Datasheet
142Kb / 2P
Violet LED
SMC405 ROITHNER-SMC405 Datasheet
142Kb / 2P
Violet LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com