Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVLED375-SMD Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # UVLED375-SMD
Description  375 nm SMD UVLED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED375-SMD Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  UVLED375-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED375-SMD Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
24.04.2014
UVLED375-SMD
1 of 6
UVLED375-SMD
TECHNICAL DATA
375 nm SMD UVLED
Features
• Zener diode is built in the protective circuit against static electricity
• Low Voltage DC Operated
• High Power Intensity
• Complies with RoHS Directive
Specifications (25°C)
Type
Symbol
Value
Unit
Absolute Maximum Ratings
DC Forward Current
IF
25
mA
Peak Pulse Forward Current *
IFP
80
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
100
mW
Operating Temperature
TOP
-30 … +85
°C
Storage Temperature
TSTG
-40 … +100
°C
Soldering Temperature (reflow, 10 s)
TSOL
260
°C
Soldering Temperature (hand, 3 s)
TSOL
350
°C
* Note: 1/10 duty cycle, <10 ms pulse width
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Electrical Specification
Forward Current
IF
-
20
-
mA
Forward Voltage *
1
VF
-
3.6
4.0
V
Optical Specification
Output Power
PO
4.8
-
9.6
mW
Peak Wavelength *
3
λ
P
370
375
380
nm
Spectrum Half Width
λ
15
nm
Viewing Angel
φ
100
deg.
* Note:
1.
Forward voltage measurement tolerance is ± 0.2 V
2.
Optical ouput measurement tolerance is ± 10%
3.
Peak wavelength measurement tolerance is ± 3 nm
Device Materials
Item
Material
Package
Ceramics
Encapsulating Resin
Silicone Resin
Electrodes
Au Plating


Similar Part No. - UVLED375-SMD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVLED375-10-30 ROITHNER-UVLED375-10-30 Datasheet
154Kb / 3P
specifications
More results

Similar Description - UVLED375-SMD

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP16-375 TRIAD-FP16-375 Datasheet
42Kb / 1P
FP16-375
logo
Roithner LaserTechnik G...
APG2C1-375-E ROITHNER-APG2C1-375-E Datasheet
318Kb / 4P
Structure: InGaN Peak Wavelength: 375 nm Optical Output Power: typ. 200 mW Life Time: > 10.000 hours
logo
KR Electronics, Inc.
2975 KR-2975 Datasheet
95Kb / 3P
375 MHz Center Frequency
2975-SMA KR-2975-SMA Datasheet
70Kb / 3P
375 MHz Center Frequency
logo
Roithner LaserTechnik G...
UVLED365-SMD ROITHNER-UVLED365-SMD Datasheet
336Kb / 6P
365 nm SMD UVLED
UVLED375E-SMD ROITHNER-UVLED375E-SMD Datasheet
612Kb / 6P
375 nm SMD UVLED
UVLED-365-330-SMD ROITHNER-UVLED-365-330-SMD Datasheet
322Kb / 7P
High Power UVLED
UVLED-385-400-SMD ROITHNER-UVLED-385-400-SMD Datasheet
322Kb / 7P
High Power UVLED
logo
KR Electronics, Inc.
3209 KR-3209 Datasheet
126Kb / 3P
375 MHz Bandpass
3301-25 KR-3301-25 Datasheet
107Kb / 3P
375 MHz Bandpass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com