Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6016 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6016
Description  3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6016 Datasheet(HTML) 2 Page - Linear Technology

  LT6016_15 Datasheet HTML 1Page - Linear Technology LT6016_15 Datasheet HTML 2Page - Linear Technology LT6016_15 Datasheet HTML 3Page - Linear Technology LT6016_15 Datasheet HTML 4Page - Linear Technology LT6016_15 Datasheet HTML 5Page - Linear Technology LT6016_15 Datasheet HTML 6Page - Linear Technology LT6016_15 Datasheet HTML 7Page - Linear Technology LT6016_15 Datasheet HTML 8Page - Linear Technology LT6016_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT6015/LT6016/LT6017
2
601567fe
For more information www.linear.com/LT6015
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS (Note 1)
22
21
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
OUTD
–IND
+IND
N/C
V–
N/C
V–
N/C
+INC
–INC
OUTC
OUTA
–INA
+INA
N/C
V+
N/C
V+
N/C
+INB
–INB
OUTB
TOP VIEW
23
DJC PACKAGE
22-LEAD (6mm × 3mm) PLASTIC DFN
B
C
A
D
TJMAX = 150°C, θJA = 31.8°C/W, θJC = 4.3°C/W
CONNECT UNDERSIDE METAL TO V–
1
2
3
4
OUTA
–INA
+INA
V–
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
B
A
TJMAX = 150°C, θJA = 273°C/W, θJC = 45°C/W
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 V+
4 –IN
TJMAX = 150°C, θJA = 250°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6016IMS8#PBF
LT6016IMS8#TRPBF
LTGFK
8-Lead Plastic MSOP
–40°C to 85°C
LT6016HMS8#PBF
LT6016HMS8#TRPBF
LTGFK
8-Lead Plastic MSOP
–40°C to 125°C
LT6016MPMS8#PBF
LT6016MPMS8#TRPBF
LTGFK
8-Lead Plastic MSOP
–55°C to 150°C
LT6017IDJC#PBF
LT6017IDJC#TRPBF
6017
22-Lead Plastic DFN
–40°C to 85°C
LT6017HDJC#PBF
LT6017HDJC#TRPBF
6017
22-Lead Plastic DFN
–40°C to 125°C
LT6017MPDJC#PBF
LT6017MPDJC#TRPBF
6017
22-Lead Plastic DFN
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Supply Voltage (V+ to V–)................................60V, –50V
Input Differential Voltage ........................................±80V
Input Voltage (Note 2).....................................80V, –25V
Input Current (Note 2).......................................... ±10mA
Output Short-Circuit Duration
(Note 3).........................................................Continuous
Temperature Range (Notes 4, 5)
LT6015I/LT6016I/LT6017I....................–40°C to 85°C
LT6015H/LT6016H/LT6017H.............. –40°C to 125°C
LT6015MP/LT6016MP/LT6017MP
(TJUNCTION)........................................ –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Junction Temperature .......................... 150°C
Lead Temperature (Soldering, 10sec)....................300°C
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6015IS5#TRMPBF
LT6015IS5#TRPBF
LTGJD
5-Lead Plastic TSOT-23
–40°C to 85°C
LT6015HS5#TRMPBF
LT6015HS5#TRPBF
LTGJD
5-Lead Plastic TSOT-23
–40°C to 125°C
LT6015MPS5#TRMPBF
LT6015MPS5#TRPBF
LTGJD
5-Lead Plastic TSOT-23
–55°C to 150°C
TRM = 500 pieces. Consult LTC Marketing for information on lead based finish parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com