Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6222 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6222
Description  Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6222 Datasheet(HTML) 2 Page - Linear Technology

  LT6222_15 Datasheet HTML 1Page - Linear Technology LT6222_15 Datasheet HTML 2Page - Linear Technology LT6222_15 Datasheet HTML 3Page - Linear Technology LT6222_15 Datasheet HTML 4Page - Linear Technology LT6222_15 Datasheet HTML 5Page - Linear Technology LT6222_15 Datasheet HTML 6Page - Linear Technology LT6222_15 Datasheet HTML 7Page - Linear Technology LT6222_15 Datasheet HTML 8Page - Linear Technology LT6222_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT6220/LT6221/LT6222
2
622012fc
For more information www.linear.com/LT6220/LT6221/LT6222
absoluTe MaxiMuM raTings
Total Supply Voltage (VS– to VS+) ..........................12.6V
Input Voltage (Note 2)...............................................±VS
Input Current (Note 2).......................................... ±10mA
Output Short Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4)....–40°C to 85°C
Specified Temperature Range (Note 5) ....–40°C to 85°C
Maximum Junction Temperature .......................... 150°C
(DD Package).................................................... 125°C
Storage Temperature.............................. –65°C to 150°C
(DD Package)..................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec.)..................300°C
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6220CS5#PBF
LT6220CS5#TRPBF
LTAFP
5-Lead Plastic TSOT-23
0°C to 70°C
LT6220IS5#PBF
LT6220IS5#TRPBF
LTAFP
5-Lead Plastic TSOT-23
–40°C to 85°C
LT6220CS8#PBF
LT6220CS8#TRPBF
6220
8-Lead Plastic SO
0°C to 70°C
LT6220IS8#PBF
LT6220IS8#TRPBF
6220I
8-Lead Plastic SO
–40°C to 85°C
LT6221CDD#PBF
LT6221CDD#TRPBF
LADZ
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LT6221IDD#PBF
LT6221IDD#TRPBF
LADZ
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT6221CS8#PBF
LT6221CS8#TRPBF
6221
8-Lead Plastic SO
0°C to 70°C
LT6221IS8#PBF
LT6221IS8#TRPBF
6221I
8-Lead Plastic SO
–40°C to 85°C
LT6222CGN#PBF
LT6222CGN#TRPBF
6222
16-Lead Narrow Plastic SSOP
0°C to 70°C
LT6222IGN#PBF
LT6222IGN#TRPBF
6222I
16-Lead Narrow Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
5 VS+
4 –IN
VOUT 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
VS– 2
+IN 3
+ –
TJMAX = 150°C, θJA = 250°C/W (NOTE 10)
1
2
3
4
8
7
6
5
TOP VIEW
NC
–IN
+IN
VS–
NC
VS+
VOUT
NC
S8 PACKAGE
8-LEAD PLASTIC SO
+
–
TJMAX = 150°C, θJA = 190°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
VS–
VS+
OUT B
–IN B
+IN B
A
B
TJMAX = 125°C, θJA = 160°C/W (NOTE 10)
EXPOSED PAD INTERNALLY CONNECTED TO VS–
(PCB CONNECTION OPTIONAL)
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
VS–
VS+
OUT B
–IN B
+IN B
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TJMAX = 150°C, θJA = 190°C/W
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
VS+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
VS–
+IN C
–IN C
OUT C
NC
A
B
C
D
TJMAX = 150°C, θJA = 135°C/W
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com