Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTPS8085CP Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTPS8085CP
Description  Infrared Point Source Emitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTPS8085CP Datasheet(HTML) 1 Page - Marktech Corporate

  MTPS8085CP_15 Datasheet HTML 1Page - Marktech Corporate MTPS8085CP_15 Datasheet HTML 2Page - Marktech Corporate MTPS8085CP_15 Datasheet HTML 3Page - Marktech Corporate MTPS8085CP_15 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
60
mA
Forward Current (Pulse)*1
IFP
0.4
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
110
mW
Operating Temperature Range
Topr
-20 ~ +85
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
*1: Tw=10µsec, T=10msec.
Peak Emission Wavelength: 855nm
The 850nm Point Source Series is designed for applications requiring high accuracy and precision as well
as uniform spectral emission. Custom package solutions and sorting are available.
FEATURES
> Ceramic Dome Surface Mount 3.5×2.2×1.91
> Emitting Window Diameter Ф 150μm
> Extremely Narrow Radiation Pattern
> High Reliability / High Output Power
APPLICATIONS
> Optical Scanning
> Linear & Rotary Encoder
> Edge Sensing
> Optical Sensors
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=20mA
--
2.5
--
mW
Forward Voltage
VF
IF=20mA
--
1.7
2.2
V
Reverse Current
IR
VR=5V
--
--
100
µA
Peak Emission Wavelength
λp
IF=20mA
--
855
--
nm
Spectral Line Half Width
∆
λ
IF=20mA
--
40
--
nm
Half Intensity Beam Angle
Ө
IF=20mA
--
±6
--
deg
Infrared Point Source Emitter
Product No:
MTPS8085CP
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 • PHONE: 518-956-2980 • FAX: 518-785-4725 • EMAIL: info@marktechopto.com
1
2012-02-21


Similar Part No. - MTPS8085CP_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS8085CP_1105 MARKTECH-MTPS8085CP_1105 Datasheet
923Kb / 4P
Peak Emission Wavelength: 855nm
More results

Similar Description - MTPS8085CP_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS3085P MARKTECH-MTPS3085P Datasheet
728Kb / 3P
Infrared Point Source Emitter
MTPS8085MC MARKTECH-MTPS8085MC Datasheet
910Kb / 4P
Infrared Point Source Emitter
MTPS8085P MARKTECH-MTPS8085P Datasheet
789Kb / 4P
Infrared Point Source Emitter
MTPS9085WC MARKTECH-MTPS9085WC Datasheet
516Kb / 3P
Infrared Point Source Emitter
MTPS3085MT MARKTECH-MTPS3085MT_15 Datasheet
921Kb / 4P
Infrared Point Source Emitter
MTPS3085P MARKTECH-MTPS3085P_15 Datasheet
728Kb / 3P
Infrared Point Source Emitter
MTPS8085MC MARKTECH-MTPS8085MC_15 Datasheet
910Kb / 4P
Infrared Point Source Emitter
MTPS8085W MARKTECH-MTPS8085W_15 Datasheet
760Kb / 3P
Infrared Point Source Emitter
MTPS9085NJ1 MARKTECH-MTPS9085NJ1_15 Datasheet
558Kb / 3P
Infrared Point Source Emitter
MTPS9085WC MARKTECH-MTPS9085WC_15 Datasheet
516Kb / 3P
Infrared Point Source Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com