Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6237 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6237
Description  Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 2 Page - Linear Technology

  LT6237_15 Datasheet HTML 1Page - Linear Technology LT6237_15 Datasheet HTML 2Page - Linear Technology LT6237_15 Datasheet HTML 3Page - Linear Technology LT6237_15 Datasheet HTML 4Page - Linear Technology LT6237_15 Datasheet HTML 5Page - Linear Technology LT6237_15 Datasheet HTML 6Page - Linear Technology LT6237_15 Datasheet HTML 7Page - Linear Technology LT6237_15 Datasheet HTML 8Page - Linear Technology LT6237_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT6236/LT6237/LT6238
2
623637fb
For more information www.linear.com/LT6236
pin conFiguraTion
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V–)..............................12.6V
Input Current (Note 2)......................................... ±40mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4).. –40°C to 125°C
(Note 1)
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
V+
ENABLE
–IN
OUT
V–
+IN
TJMAX = 150°C, θJA = 192°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
TJMAX = 150°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 273°C/W
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
+
–
+
–B
C
A
D
TJMAX = 150°C, θJA = 110°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LT6236CS6#TRMPBF
LT6236CS6#TRPBF
LTGHM
6-Lead Plastic TSOT-23
0°C to 70°C
LT6236IS6#TRMPBF
LT6236IS6#TRPBF
LTGHM
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6236HS6#TRMPBF
LT6236HS6#TRPBF
LTGHM
6-Lead Plastic TSOT-23
–40°C to 125°C
LT6237CDD#PBF
LT6237CDD#TRPBF
LGHN
8-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LT6237IDD#PBF
LT6237IDD#TRPBF
LGHN
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LT6237HDD#PBF
LT6237HDD#TRPBF
LGHN
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LT6237CMS8#PBF
LT6237CMS8#TRPBF
LTGHP
8-Lead Plastic MSOP
0°C to 70°C
LT6237IMS8#PBF
LT6237IMS8#TRPBF
LTGHP
8-Lead Plastic MSOP
–40°C to 85°C
LT6237HMS8#PBF
LT6237HMS8#TRPBF
LTGHP
8-Lead Plastic MSOP
–40°C to 125°C
LT6238CGN#PBF
LT6238CGN#TRPBF
6238
16-Lead Narrow Plastic SSOP
0°C to 70°C
LT6238IGN#PBF
LT6238IGN#TRPBF
6238
16-Lead Narrow Plastic SSOP
–40°C to 85°C
LT6238HGN#PBF
LT6238HGN#TRPBF
6238
16-Lead Narrow Plastic SSOP
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 5).....–40°C to125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com