Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT494TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT494TC
Description  120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT494TC Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT494TC Datasheet HTML 1Page - Diodes Incorporated FMMT494TC Datasheet HTML 2Page - Diodes Incorporated FMMT494TC Datasheet HTML 3Page - Diodes Incorporated FMMT494TC Datasheet HTML 4Page - Diodes Incorporated FMMT494TC Datasheet HTML 5Page - Diodes Incorporated FMMT494TC Datasheet HTML 6Page - Diodes Incorporated FMMT494TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT494
Document number: DS33095 Rev. 4 - 2
1 of 7
www.diodes.com
October 2012
© Diodes Incorporated
FMMT494
A Product Line of
Diodes Incorporated
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Feature
•
BVCEO > 120V
•
IC = 1A Continuous Collector Current
•
ICM = 2A Peak Pulse Current
•
500mW Power Dissipation
•
hFE characterised up to 1A for high current gain hold up
•
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
PPAP capable (Note 4)
Mechanical Data
•
Case: SOT23
•
Case Material: molded plastic, “Green” molding compound
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
•
Weight 0.008 grams (approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT494TA
AEC-Q101
494
7
8
3,000
FMMT494TC
AEC-Q101
494
13
8
10,000
FMMT494QTA
Automotive
494
7
8
3,000
FMMT494QTC
Automotive
494
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com
Marking Information
494 = Product Type Marking Code
494
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B


Similar Part No. - FMMT494TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT494TC DIODES-FMMT494TC Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT494TC DIODES-FMMT494TC Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT494TC DIODES-FMMT494TC Datasheet
386Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 5
More results

Similar Description - FMMT494TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT494TC DIODES-FMMT494TC Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT495 DIODES-FMMT495_12 Datasheet
209Kb / 7P
150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT494TA DIODES-FMMT494TA Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT491ATA DIODES-FMMT491ATA Datasheet
210Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT489TA DIODES-FMMT489TA Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT491A DIODES-FMMT491A_15 Datasheet
210Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT495 DIODES-FMMT495_15 Datasheet
209Kb / 7P
150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT493A DIODES-FMMT493A_18 Datasheet
457Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com