Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8620 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8620
Description  65V, 2A Synchronous Step-Down Regulator with 2.5A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8620 Datasheet(HTML) 2 Page - Linear Technology

  LT8620_15 Datasheet HTML 1Page - Linear Technology LT8620_15 Datasheet HTML 2Page - Linear Technology LT8620_15 Datasheet HTML 3Page - Linear Technology LT8620_15 Datasheet HTML 4Page - Linear Technology LT8620_15 Datasheet HTML 5Page - Linear Technology LT8620_15 Datasheet HTML 6Page - Linear Technology LT8620_15 Datasheet HTML 7Page - Linear Technology LT8620_15 Datasheet HTML 8Page - Linear Technology LT8620_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT8620
2
8620fa
For more information www.linear.com/LT8620
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV................................................................65V
PG.............................................................................42V
BIAS..........................................................................25V
BST Pin Above SW Pin................................................4V
FB, TR/SS, RT, INTVCC ...............................................4V
(Note 1)
1
2
3
4
5
6
7
8
SYNC
TR/SS
RT
EN/UV
VIN
VIN
NC
GND
16
15
14
13
12
11
10
9
FB
PG
BIAS
INTVCC
BST
SW
SW
SW
TOP VIEW
17
GND
MSE PACKAGE
16-LEAD PLASTIC MSOP
θJA = 40°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
24 23 22 21
9 10
TOP VIEW
25
GND
UDD PACKAGE
24-LEAD (3mm
× 5mm) PLASTIC QFN
11 12
6
5
4
3
2
1
15
16
17
18
19
20
SYNC
TR/SS
RT
EN/UV
VIN
VIN
NC
GND
FB
PG
BIAS
INTVCC
BST
SW
SW
SW
14
7
13
8
θJA = 46°C/W, θJC(PAD) = 5°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8620EMSE#PBF
LT8620EMSE#TRPBF
8620
16-Lead Plastic MSOP
–40°C to 125°C
LT8620IMSE#PBF
LT8620IMSE#TRPBF
8620
16-Lead Plastic MSOP
–40°C to 125°C
LT8620HMSE#PBF
LT8620HMSE#TRPBF
8620
16-Lead Plastic MSOP
–40°C to 150°C
LT8620MPMSE#PBF
LT8620MPMSE#TRPBF
8620
16-Lead Plastic MSOP
–55°C to 150°C
LT8620EUDD#PBF
LT8620EUDD#TRPBF
LGGV
24-Lead (3mm × 5mm) Plastic QFN
–40°C to 125°C
LT8620IUDD#PBF
LT8620IUDD#TRPBF
LGGV
24-Lead (3mm × 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYNC Voltage .............................................................6V
Operating Junction Temperature Range (Note 2)
LT8620E ............................................ –40°C to 125°C
LT8620I ............................................. –40°C to 125°C
LT8620H............................................ –40°C to 150°C
LT8620MP ......................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com