Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC6005 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # KBPC6005
Description  6.0A BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

KBPC6005 Datasheet(HTML) 2 Page - Leshan Radio Company

  KBPC6005 Datasheet HTML 1Page - Leshan Radio Company KBPC6005 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
12C–2/2
FIG. 2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0
50
100
150
8
6
4
2
0
20
40
60
80
100
120
140
100
10
1.0
.1
TC = 100°C
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
150
120
90
60
30
0
1
2
5
10
20
50
100
AMBIENT TEMPERATURE.°C
NUMBER OF CYCLES AT 60Hz
TA = 25°C
FORWARD VOLTAGE (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
10
1.0
0.1
0.01
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
PER BRIDGE ELEMENT
T
J = 25°C
Pulse Width=300
µs
1% Duty Cycle
BR605 –BR610 KBPC6005 – KBPC0610
BRIDGE RECTIFIERS RATING AND CHARACTERISTIC CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com