Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC601 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # KBPC601
Description  6.0A BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

KBPC601 Datasheet(HTML) 1 Page - Leshan Radio Company

  KBPC601 Datasheet HTML 1Page - Leshan Radio Company KBPC601 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
12C–1/2
BR605
BR61
BR62
BR64
BR66
BR68
BR610
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase,half wave,
60Hz,resistive or inductive load. For capacitive load,derate current by 20%.
6.0A
6.0A BRIDGE RECTIFIERS
BR605 – BR610
KBPC6005 – KBPC0610
TYPE
PRV
V PK
Maximum
Average
Forward
Output
Current
@TA= 50°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
at IF =3.0ADC
I O
A AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
VF
VPK
Maximum
Peak
Reverse
Voltage
BR – 6
6.0
150
10
500
125
1.1
KBPC6005
KBPC601
KBPC602
KBPC604
KBPC606
KBPC608
KBPC0610
50
100
200
400
600
800
1000
Operating
Junction
Temperature
.270(6.8)
.230(5.8)
.042(1.1)
DIA
.039(1.0)
TYP.
.620(15.7)
.580(14.7)
.445(11.3)
.405(10.3)
.444(11.3)
.405(10.3)
.620(15.7)
.580(14.7)
BR – 6
HOLE FOR
NO.6 SCREW
.750
MIN
(19.1)


Similar Part No. - KBPC601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC601 WTE-KBPC601 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC601 JGD-KBPC601 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC601 SEMTECH-KBPC601 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC601 SSE-KBPC601 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC601 CHENYI-KBPC601 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - KBPC601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
Leshan Radio Company
RBV601G LRC-RBV601G Datasheet
54Kb / 2P
6.0A BRIDGE RECTIFIERS
RS601 LRC-RS601 Datasheet
52Kb / 2P
6.0A BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com