Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT596 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMT596
Description  SOT 23 PNP silicon planar high voltage transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT596 Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMT596_15 Datasheet HTML 1Page - Diodes Incorporated FMMT596_15 Datasheet HTML 2Page - Diodes Incorporated FMMT596_15 Datasheet HTML 3Page - Diodes Incorporated FMMT596_15 Datasheet HTML 4Page - Diodes Incorporated FMMT596_15 Datasheet HTML 5Page - Diodes Incorporated FMMT596_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FMMT596
Issue 4 - July 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Typucal characteristics
1mA
0
0.1
0.2
0.3
0.4
+25°C
IC/IB=10
IC/IB=50
10mA
100mA
IC-collector current
VCE(sat) v IC
1A
1mA
0
0.1
0.2
0.3
0.4
-55°C
+25°C
+100°C
IC/IB=10
10mA
100mA
IC-collector current
VCE(sat) v IC
1mA
1mA
0
80
160
240
320
+100°C
+25°C
-55°C
VCE=10V
10mA
100mA
IC-collector current
hFE v IC
1A
1mA
0
0.2
0.4
0.6
0.8
1.0
-55°C
+25°C
+100°C
-55°C
+25°C
+100°C
IC/IB=10
VCE=10V
10mA
100mA
IC-collector current
VBE(sat) v IC
1mA
1mA
0
0.4
0.2
0.6
0.8
1.0
10mA
100mA
IC-collector current
VBE(on) v IC
1A
0.1V
0.001
0.01
0.1
1
DC
1s
100ms
1ms
100 s
1V
10V
VCE-collector emitter voltage (V)
Safe operating area
100V
1000V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com