Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLD2004C Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLD2004C
Description  HIGH VOLTAGE SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD2004C Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLD2004C Datasheet HTML 1Page - Central Semiconductor Corp CMLD2004C Datasheet HTML 2Page - Central Semiconductor Corp CMLD2004C Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMLD2004
CMLD2004A
CMLD2004C
CMLD2004S
CMLD2004DO
SURFACE MOUNT SILICON
DUAL, HIGH VOLTAGE
SWITCHING DIODES
SOT-563 CASE - MECHANICAL OUTLINE
PIN CONFIGURATIONS
CMLD2004
MARKING CODES:
CMLD2004:
04D
CMLD2004A:
04A or 4A
CMLD2004C:
04C
CMLD2004S:
04S
CMLD2004DO:
04O
CMLD2004A
CMLD2004C
CMLD2004S
LEAD CODE:
1) Anode D1
2) NC
3) Anode D2
4) Cathode D2
5) NC
6) Cathode D1
LEAD CODE:
1) Cathode D1, D2
2) Cathode D1, D2
3) Anode D2
4) Anode D1
5) Cathode D1, D2
6) Cathode D1, D2
LEAD CODE:
1) NC
2) Anode D1, D2
3) NC
4) Cathode D2
5) NC
6) Cathode D1
LEAD CODE:
1) NC
2) NC
3) Anode D1,
Cathode D2
4) Anode D2
5) NC
6) Cathode D1
LEAD CODE:
1) Anode D1
2) NC
3) Cathode D2
4) Anode D2
5) NC
6) Cathode D1
CMLD2004DO
www.centr a lsemi.com
R7 (15-June 2015)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com