Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLD3003DOG Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLD3003DOG
Description  LOW LEAKAGE SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD3003DOG Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLD3003DOG Datasheet HTML 1Page - Central Semiconductor Corp CMLD3003DOG Datasheet HTML 2Page - Central Semiconductor Corp CMLD3003DOG Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMLD3003DO
CMLD3003DOG
SURFACE MOUNT SILICON
DUAL, ISOLATED, OPPOSING
LOW LEAKAGE
SWITCHING DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLD3003DO
and CMLD3003DOG devices contain two (2) isolated
opposing configuration, silicon switching diodes,
manufactured by the epitaxial planar process, epoxy
molded in an SOT-563 surface mount package.
These devices are designed for switching applications
requiring extremely low leakage.
MARKING CODES:
CMLD3003DO: C30
CMLD3003DOG: 3CG
SOT-563 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
180
V
Average Rectified Current
IO
200
mA
Continuous Forward Current
IF
600
mA
Peak Repetitive Forward Current
IFRM
700
mA
Peak Forward Surge Current, tp=1.0μs
IFSM
2.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=125V
1.0
nA
IR
VR=125V, TA=150°C
3.0
μA
IR
VR=180V
10
nA
IR
VR=180V, TA=150°C
5.0
μA
BVR
IR=5.0μA
200
V
VF
IF=1.0mA
0.62
0.72
V
VF
IF=10mA
0.72
0.83
V
VF
IF=50mA
0.80
0.89
V
VF
IF=100mA
0.83
0.93
V
VF
IF=200mA
0.87
1.10
V
VF
IF=300mA
0.90
1.15
V
CJ
VR=0, f=1.0MHz
4.0
pF
• The CMLD3003DOG is Halogen Free by design
R4 (15-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLD3003DOG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD3003DOG CENTRAL-CMLD3003DOG Datasheet
580Kb / 2P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
More results

Similar Description - CMLD3003DOG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116 PANJIT-BAS116 Datasheet
96Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W Datasheet
56Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116_07 Datasheet
142Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W_08 Datasheet
145Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116-AU PANJIT-BAS116-AU Datasheet
335Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
logo
Central Semiconductor C...
CMKD3003DO CENTRAL-CMKD3003DO_15 Datasheet
494Kb / 2P
LOW LEAKAGE SILICON SWITCHING DIODES
CMKD6000 CENTRAL-CMKD6000_15 Datasheet
500Kb / 2P
ULTRA LOW LEAKAGE SILICON SWITCHING DIODES
CMXD3003TO CENTRAL-CMXD3003TO_15 Datasheet
495Kb / 2P
LOW LEAKAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAS116 PANJIT-BAS116_15 Datasheet
132Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW_16 Datasheet
167Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com