Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR255 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FR255
Description  2.5A FAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR255 Datasheet(HTML) 1 Page - Leshan Radio Company

  FR255 Datasheet HTML 1Page - Leshan Radio Company FR255 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
19A–1/2
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
Maximum
Reverse
Recovery Time
Trr
I F = 0.5A, I R = 1.0A, I RR = 0.25A
Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
Trr
ns
FR251 – FR257P
R – 3
2.5A
2.5A FAST RECOVERY DIODES
FR251
FR252
FR253
FR254
FR255
FR256
FR257
FR257P
50
100
200
400
600
800
1000
1000
2.5
150
2.5
75
5.0
1.3
150
150
150
150
250
500
500
250
R - 3
1.0(25.4)
MIN
.160(4.1)
.138(3.5)
.042(1.1)
DIA
.041(1.0)
1.0(25.4)
MIN
.160(4.1)
DIA
.138(3.5)


Similar Part No. - FR255

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR255 RECTRON-FR255 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
EIC discrete Semiconduc...
FR255 EIC-FR255 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
GOOD-ARK Electronics
FR255 GOOD-ARK-FR255 Datasheet
199Kb / 3P
FAST RECOVERY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
FR255 DAESAN-FR255 Datasheet
314Kb / 2P
CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
FR255 BILIN-FR255 Datasheet
60Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - FR255

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
Super Fast Recovery Rectifiers(200V 2.5A)
logo
Fuji Electric
ERC35 FUJI-ERC35 Datasheet
52Kb / 2P
FAST RECOVERY DIODE( 200V / 2.5A )
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
List of Unclassifed Man...
TF251 ETC2-TF251 Datasheet
123Kb / 4P
2.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF251 TAITRON-TF251 Datasheet
124Kb / 4P
2.5A Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
FR251 ZSELEC-FR251 Datasheet
116Kb / 2P
2.5A FAST RECOVERY DIODE
FR251G ZSELEC-FR251G Datasheet
118Kb / 2P
2.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
logo
Zibo Seno Electronic En...
PG250R ZSELEC-PG250R Datasheet
136Kb / 2P
2.5A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com