Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # FR207
Description  2A FAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR207 Datasheet(HTML) 2 Page - Leshan Radio Company

  FR207 Datasheet HTML 1Page - Leshan Radio Company FR207 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
18A–2/2
FR201 – FR207P
2A
RATING & CHARACTERISTIC CURVES OF 2A FAST DIODES
FIG. 2 – TYPICAL FORWARD
CURRENT DERATING CURVE
AMBIENT TEMPER ATURE, (ºC)
+0.5A
0
-0.25A
-1.0A
1cm
Trr
NOTES:1.Rise Time=7ns max.
Input Impedance=1megohm.22pF.
2.Rise Time=10ns max.
Source Impedance=50 ohms.
(+)
PULSE
GENERAT O R
(NOTE 2)
(-)
D.U.T.
OSCILLOSCOPE
(NOTE 1)
1
Ω
NON.
INDUCTIVE
(+)
25Vdc
(APPROX)
(-)
50
Ω
10
Ω
NONINDUCTIVE
NONINDUCTIVE
FIG.1–TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME
BASE FOR 50/100ns/cm
INSTANTANEOUS FORWARD VOLTAGE, (%)
FIG. 3 – TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
FIG. 4 – MAXINUM NON-REPETITIVE
FOWARD SURGE CURRENT
REVERSE VOLTAGE,(V)
NUMBER OF CYCLES AT 60Hz
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
20
10
3.0
1.0
0.3
0.1
.03
.01
TJ =25ºC
Pulse Width=300
µs
1% Duty Cycle
8.3ms Single Half Sine-Wave
(JEDEC Method)
105
90
75
60
45
30
15
0
1
2
5
10
20
50
100
.1
.2
.4
1.0
2
4
10
20
40
100
200
100
60
40
20
10
6
4
2
1
TJ =25ºC
0
25
50
75
100
125
150
175
2.5
2.0
.1.5
1.0
.5
0
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com