Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC202A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HVC202A
Description  Variable Capacitance Diode for UFH/VHF Tuner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVC202A Datasheet(HTML) 1 Page - Leshan Radio Company

  HVC202A Datasheet HTML 1Page - Leshan Radio Company HVC202A Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
HVC202A–1/2
Variable Capacitance Diode
for UFH/VHF Tuner
FEATURES
• Low series resistance and good C-V linearity.
• Ultra small Flat Package (UFP) is suitable for surface mount
design.
DEVICE MARKING
HVC202A = Q
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Item
Symbol
Value
Unit
Reversevoltage
VR
34
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
– 55 to +125
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR1
––
10
nA
VR = 32V
IR2
–
–
100
VR = 32V, TA = 60°C
Capacitance
C2
14.11
–
16.47
pF
VR = 2V, f = 1 MHz
C25
2.06
–
2.35
VR = 25V, f = 1 MHz
Capacitance ratio
n
6.2
–
–
–
C2/ C25
Series resistance
rs
–
–
0.57
Ω
VR = 5V, f = 470 MHz
Matching error
∆C/C*1
–
–
2.0
%
VR = 2 to 25V, f = 1 MHz
Note: *1. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C
continuous in a reel , expect extention to another group.
Calculate Matching Error,
∆C/C=
(Cmax-Cmin)
x 100 (%)
Cmin
2
ANODE
1
CATHODE
SOD– 523
1
2
HVC202A


Similar Part No. - HVC202A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC202A HITACHI-HVC202A Datasheet
23Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
logo
Renesas Technology Corp
HVC202A RENESAS-HVC202A Datasheet
240Kb / 5P
Variable Capacitance Diode for UHF/VHF tuner
More results

Similar Description - HVC202A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HVU300B LRC-HVU300B Datasheet
46Kb / 2P
Variable Capacitance Diode for VHF Tuner
logo
Renesas Technology Corp
HVC306C RENESAS-HVC306C Datasheet
154Kb / 5P
Variable Capacitance Diode for VHF tuner
HVU300C RENESAS-HVU300C Datasheet
143Kb / 5P
Variable Capacitance Diode for VHF tuner
RKV502KG RENESAS-RKV502KG Datasheet
56Kb / 5P
Variable Capacitance Diode for VHF tuner
RKV502KJ RENESAS-RKV502KJ Datasheet
57Kb / 5P
Variable Capacitance Diode for VHF tuner
RKV501KJ RENESAS-RKV501KJ Datasheet
57Kb / 5P
Variable Capacitance Diode for VHF tuner
HVD328C RENESAS-HVD328C Datasheet
55Kb / 5P
Variable Capacitance Diode for VHF tuner
HVC200A RENESAS-HVC200A Datasheet
240Kb / 5P
Variable Capacitance Diode for VHF tuner
HVU307 RENESAS-HVU307 Datasheet
154Kb / 5P
Variable Capacitance Diode for VHF tuner
HVU327C RENESAS-HVU327C Datasheet
52Kb / 5P
Variable Capacitance Diode for VHF tuner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com