Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC317B Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HVC317B
Description  Variable Capacitance Diode for Tuner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVC317B Datasheet(HTML) 1 Page - Leshan Radio Company

  HVC317B Datasheet HTML 1Page - Leshan Radio Company HVC317B Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
HVC317B–1/2
Variable Capacitance Diode
for Tuner
FEATURES
• High capacitance ratio. (n =13.0 min)
• Ultra small Flat Package (UFP) is suitable for surface mount
design.
2
ANODE
1
CATHODE
SOD– 523
1
2
HVC317B
DEVICE MARKING
HVC317B = A5
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Item
Symbol
Value
Unit
Reversevoltage
VR
35
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
– 55 to +125
°C
Notes
1.RL=10k
Ω
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR1
––
10
nA
VR = 30V
IR2
–
–
100
VR = 30V, TA = 60°C
Capacitance
C1
9.00
–
11.5
pF
VR = 1V, f = 1 MHz
C25
0.60
–
0.80
VR = 25V, f = 1 MHz
Capacitance ratio
n
13.0
–
–
–
C1/ C25
Series resistance
rs
–
–
1.6
Ω
VR=5V, f = 470 MHz
Matching error
∆C/C * 1
–
–
6.0
%
VR = 1 to 25V , f = 1 MHz
Notes 1. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C
continuous in a reel , expect extention to another group.
Calculate Matching Error,
∆C/C=
(C
max-Cmin)
x 100 (%)
C
min


Similar Part No. - HVC317B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC317B HITACHI-HVC317B Datasheet
25Kb / 5P
Variable Capacitance Diode for tuner
logo
Renesas Technology Corp
HVC317B RENESAS-HVC317B Datasheet
174Kb / 7P
Variable Capacitance Diode for tuner
More results

Similar Description - HVC317B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC317B HITACHI-HVC317B Datasheet
25Kb / 5P
Variable Capacitance Diode for tuner
HVC321B HITACHI-HVC321B Datasheet
21Kb / 5P
Variable Capacitance Diode for ET tuner
HVR100 HITACHI-HVR100 Datasheet
29Kb / 5P
Variable Capacitance Diode for AM tuner
HVU308A HITACHI-HVU308A Datasheet
26Kb / 5P
Variable Capacitance Diode for TV tuner
logo
Leshan Radio Company
HVU300B LRC-HVU300B Datasheet
46Kb / 2P
Variable Capacitance Diode for VHF Tuner
logo
Renesas Technology Corp
HVC417C RENESAS-HVC417C Datasheet
80Kb / 7P
Variable Capacitance Diode for tuner
HVU417C RENESAS-HVU417C Datasheet
141Kb / 5P
Variable Capacitance Diode for tuner
HVR100 RENESAS-HVR100 Datasheet
257Kb / 5P
Variable Capacitance Diode for AM tuner
HVC200A RENESAS-HVC200A Datasheet
240Kb / 5P
Variable Capacitance Diode for VHF tuner
HVC317B RENESAS-HVC317B Datasheet
174Kb / 7P
Variable Capacitance Diode for tuner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com