Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC358B Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HVC358B
Description  Variable Capacitance Diode for VCO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVC358B Datasheet(HTML) 1 Page - Leshan Radio Company

  HVC358B Datasheet HTML 1Page - Leshan Radio Company HVC358B Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
HVC358B–1/2
Variable Capacitance Diode
for VCO
FEATURES
• High capacitance ratio. (n =2.20.min)
• Low series resistance. (r
s=0.4Ωmax)
• Good C-V linearity.
• Ultra small Flat Package (UFP) is suitable for surface mount
design.
DEVICE MARKING
HVC358B = B2
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Item
Symbol
Value
Unit
Reversevoltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
– 55 to +125
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR1
––
10
nA
VR = 15V
IR2
–
–
100
VR = 15V, TA = 60°C
Capacitance
C1
19.5
–
21.0
pF
VR = 1V, f = 1 MHz
C4
8.00
–
9.30
VR = 4V, f = 1 MHz
Capacitance ratio
n
2.20
–
–
–
C1/ C4
Series resistance
rs
–
–
0.4
Ω
VR = 1V, f = 470 MHz
2
ANODE
1
CATHODE
SOD– 523
1
2
HVC358B


Similar Part No. - HVC358B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC358B HITACHI-HVC358B Datasheet
24Kb / 5P
Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC358B RENESAS-HVC358B Datasheet
143Kb / 5P
Variable Capacitance Diode for VCO
More results

Similar Description - HVC358B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC372B HITACHI-HVC372B Datasheet
24Kb / 5P
Variable Capacitance Diode for VCO
logo
Leshan Radio Company
HVC369B LRC-HVC369B Datasheet
41Kb / 2P
Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVC379B HITACHI-HVC379B Datasheet
20Kb / 5P
Variable Capacitance Diode for VCO
HVD355B HITACHI-HVD355B Datasheet
36Kb / 5P
Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC381B RENESAS-HVC381B Datasheet
140Kb / 5P
Variable Capacitance Diode for VCO
logo
Hitachi Semiconductor
HVD369B HITACHI-HVD369B Datasheet
35Kb / 5P
Variable Capacitance Diode for VCO
logo
Renesas Technology Corp
HVC386B RENESAS-HVC386B Datasheet
139Kb / 5P
Variable Capacitance Diode for VCO
HVL375B RENESAS-HVL375B Datasheet
65Kb / 5P
Variable Capacitance Diode for VCO
HVD350B RENESAS-HVD350B Datasheet
141Kb / 5P
Variable Capacitance Diode for VCO
RKV601KP RENESAS-RKV601KP Datasheet
66Kb / 5P
Variable Capacitance Diode for VCO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com