Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1432 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1432
Description  5V High Efficiency Step-Down Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432 Datasheet(HTML) 2 Page - Linear Technology

  LT1432_15 Datasheet HTML 1Page - Linear Technology LT1432_15 Datasheet HTML 2Page - Linear Technology LT1432_15 Datasheet HTML 3Page - Linear Technology LT1432_15 Datasheet HTML 4Page - Linear Technology LT1432_15 Datasheet HTML 5Page - Linear Technology LT1432_15 Datasheet HTML 6Page - Linear Technology LT1432_15 Datasheet HTML 7Page - Linear Technology LT1432_15 Datasheet HTML 8Page - Linear Technology LT1432_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT1432
VIN Pin .................................................................... 30V
V
+ Pin ..................................................................... 40V
VC ........................................................................... 35V
VLIM and VOUT Pins................................................... 7V
Diode Pin Voltage ................................................... 30V
Mode Pin Current (Note 2) ..................................... 1mA
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LT1432CN8
LT1432CS8
ELECTRICAL C
C
HARA TERISTICS
VC = 6V, VIN = 12V, V
+ = 10V, V
DIODE = Open, VLIM = VOUT, VMODE = 0V, TJ = 25°C
Device is in standard test loop unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output Voltage
VC Current = 220µA
q
4.9
5.0
5.1
V
Output Voltage Line Regulation
VIN = 6V to 30V
q
520
mV
Input Supply Current (Note 1)
VIN = 6V to 30V, V
+ = V
IN + 5V, VC = VIN + 1V
q
0.3
0.5
mA
Quiescent Output Load Current
0.9
1.2
mA
Mode Pin Current
VMODE = 0V (current is out of pin)
q
30
50
µA
VMODE = 5V (shutdown)
q
15
30
µA
Mode Pin Threshold Voltage
IMODE = 10µA (out of pin)
q
0.6
0.9
1.5
V
(Normal to Burst)
VC Pin Saturation Voltage
VOUT = 5.5V (forced)
q
0.25
0.45
V
VC Pin Maximum Sink Current
VOUT = 5.5V (forced)
q
0.45
0.8
1.5
mA
VC Pin Source Current
VOUT = 4.5V (forced)
q
40
60
100
µA
Current Limit Sense Voltage (Note 3)
Device in Current Limit Loop
56
60
64
mV
VLIM Pin Current
Device in Current Limit Loop
q
30
45
70
µA
(current is out of pin)
Supply Current in Shutdown
VMODE > 3V, VIN < 30V, VC and V
+ = 0V
q
15
60
µA
Burst Mode Output Ripple
Device in Burst Test Circuit
100
mVp-p
Burst Mode Average Output Voltage
Device in Burst Test Circuit
q
4.8
5
5.2
V
Clamp Diode Forward Voltage
IF = 1mA, All Other Pins Open
q
0.5
0.65
V
Startup Drive Current
VOUT = 2.5V (forced), V
+ = 5V to 25V,
q
30
45
mA
VIN = 6V to 26V, V
+ = V
IN – 1V, VC = VIN – 1.5V
Restart Time Delay
(Note 4)
1
1.8
10
ms
Transconductance, Output to VC Pin
IC = 150µA to 250µA
q
1500
2000
2800
µmho
The q denotes specifications which apply over the operating temperature
range.
Note 1: Does not include current drawn by the LT1070 IC. See operating
parameters in standard circuit.
Note 2: Breakdown voltage on the mode pin is 7V. External current must
be limited to value shown.
Note 3: Current limit sense voltage temperature coefficient is +0.33%/
°C
to match TC of copper trace material.
Note 4: VOUT pin switched from 5.5Vto 4.5V.
1
2
3
4
TOP VIEW
VLIM
VOUT
VIN
V+
MODE
GND
VC
DIODE
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SO
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com