Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC359 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HVC359
Description  Variable Capacitance Diode for VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVC359 Datasheet(HTML) 1 Page - Leshan Radio Company

  HVC359 Datasheet HTML 1Page - Leshan Radio Company HVC359 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
HVC359–1/2
Variable Capacitance Diode
for VCXO
FEATURES
• High capacitance ratio and good C-V linearity.
• To be usable at low voltage.
• Ultra small Flat Package (UFP) is suitable for surface mount
design.
DEVICE MARKING
HVC359 = S
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Item
Symbol
Value
Unit
Reversevoltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
– 55 to +125
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR1
––
10
nA
VR = 10V
IR2
–
–
100
VR = 10V, TA = 60°C
Capacitance
C1
24.8
–
29.8
pF
VR = 1V, f = 1 MHz
C4
6.0
–
8.3
VR = 4V, f = 1 MHz
Capacitance ratio
n
3.0
–
–
–
C1/ C4
Series resistance
rs
–
–
1.5
Ω
VR = 4V, f = 100 MHz
ESD-Capability*1
–
80
–
–
V
C =200pF , Both forward
and reverse direction
1 pulse.
Notes 1. Failure criterion ; I
R ≥ 20nA at VR =10 V
2
ANODE
1
CATHODE
SOD– 523
1
2
HVC359


Similar Part No. - HVC359

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC359 HITACHI-HVC359 Datasheet
23Kb / 5P
Variable Capacitance Diode for VCXO
logo
Renesas Technology Corp
HVC359 RENESAS-HVC359 Datasheet
138Kb / 5P
Variable Capacitance Diode for VCO
More results

Similar Description - HVC359

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC359 HITACHI-HVC359 Datasheet
23Kb / 5P
Variable Capacitance Diode for VCXO
HVC365 HITACHI-HVC365 Datasheet
23Kb / 5P
Variable Capacitance Diode for VCXO
HVU359 HITACHI-HVU359 Datasheet
25Kb / 5P
Variable Capacitance Diode for VCXO
logo
Leshan Radio Company
HVC365 LRC-HVC365 Datasheet
33Kb / 2P
Variable Capacitance Diode for VCXO
logo
Hitachi Semiconductor
HVD359 HITACHI-HVD359 Datasheet
34Kb / 5P
Variable Capacitance Diode for VCXO
HVU362 HITACHI-HVU362 Datasheet
24Kb / 3P
Variable Capacitance Diode VCXO
logo
Guangdong Kexin Industr...
HVD359 KEXIN-HVD359 Datasheet
33Kb / 1P
Variable Capacitance Diode for VCXO
logo
NXP Semiconductors
BB198 NXP-BB198 Datasheet
204Kb / 8P
Variable capacitance diode for VCO and VCXO Small plastic SMD package
Rev. 1-1 December 2010
BB199 NXP-BB199 Datasheet
201Kb / 8P
Variable capacitance diode for VCO and VCXO Small plastic SMD package
Rev. 1-1 December 2010
logo
Zhaoxingwei Electronics...
HVD359 ZHAOXINGWEI-HVD359 Datasheet
44Kb / 1P
Variable Capacitance Diode for VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com