Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1737
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737 Datasheet(HTML) 2 Page - Linear Technology

  LT1737_15 Datasheet HTML 1Page - Linear Technology LT1737_15 Datasheet HTML 2Page - Linear Technology LT1737_15 Datasheet HTML 3Page - Linear Technology LT1737_15 Datasheet HTML 4Page - Linear Technology LT1737_15 Datasheet HTML 5Page - Linear Technology LT1737_15 Datasheet HTML 6Page - Linear Technology LT1737_15 Datasheet HTML 7Page - Linear Technology LT1737_15 Datasheet HTML 8Page - Linear Technology LT1737_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT1737
1737fa
(Note 1)
VCC Supply Voltage ................................................. 22V
UVLO Pin Voltage .................................................... VCC
ISENSE Pin Voltage .................................................... 2V
FB Pin Current .....................................................
±2mA
Operating Junction
Temperature Range
LT1737C ............................................... 0
°C to 100°C
LT1737I ............................................ –40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
ORDER PART
NUMBER
LT1737CGN
LT1737CS
LT1737IGN
LT1737IS
TJMAX = 125°C, θJA = 110°C/W (GN)
TJMAX = 125°C, θJA = 110°C/W (SO)
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PGND
ISENSE
SFST
ROCMP
RCMPC
OSCAP
VC
FB
GATE
VCC
tON
ENDLY
MINENAB
SGND
UVLO
3VOUT
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 14V, GATE open, VC = 1.4V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC(MIN)
Minimum Input Voltage
●
4.1
4.5
V
ICC
Supply Current
VC = Open
●
10
15
mA
Shutdown Current
VUVLO = 0V, VC = Open
●
50
150
µA
Feedback Amplifier
VFB
Feedback Voltage
1.230
1.245
1.260
V
●
1.220
1.270
V
IFB
Feedback Pin Input Current
500
nA
gm
Feedback Amplifier Transconductance
∆lC = ±10µA
●
400
1000
1800
µmho
ISRC, ISNK
Feedback Amplifier Source or Sink Current
●
30
50
80
µA
VCL
Feedback Amplifier Clamp Voltage
2.5
V
Reference Voltage/Current Line Regulation
4.75V
≤ VIN ≤ 18V
●
0.01
0.05
%/V
Voltage Gain
VC = 1V to 2V
2000
V/V
Soft-Start Charging Current
VSFST = 0V
25
40
50
µA
Soft-Start Discharge Current
VSFST = 1.5V, VUVLO = 0V
0.8
1.5
mA
Gate Output
VGATE
Output High Level
IGATE = 100mA
●
11.5
12.1
V
IGATE = 500mA
●
11.0
11.8
V
Output Low Level
IGATE = 100mA
●
0.3
0.45
V
IGATE = 500mA
●
0.6
1.0
V
IGATE
Output Sink Current in Shutdown, VUVLO = 0V
VGATE = 2V
●
1.2
2.5
mA
tr
Rise Time
CL = 1000pF
30
ns
tf
Fall Time
CL = 1000pF
30
ns
GN PART MARKING
1737
1737I
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com