Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC363A Datasheet(PDF) 2 Page - Leshan Radio Company

Part # HVC363A
Description  Variable Capacitance Diode for TV Tuner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVC363A Datasheet(HTML) 2 Page - Leshan Radio Company

  HVC363A Datasheet HTML 1Page - Leshan Radio Company HVC363A Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
HVC363A–2/2
HVC363A
Fig.1 Reverse current Vs. Reverse voltage
Fig.2 Capacitance Vs. Reverse voltage
Fig.3 Series resistance Vs. Reverse voltage
Fig.4 Linearity factor Vs. Reverse voltage
Reverse voltage V (V)
R
10
-6
10
10
-8
10
-9
10
-10
010
20
30
40
50
10
-13
10-11
-7
-12
10
Reverse voltage V (V)
R
10
20
0
1.0
10
2
f=1MHz
40
60
80
Reverse voltage V (V)
R
10
0.2
0
1.0
10
2
0.4
0.6
0.8
f=470MHz
Reverse voltage V (V)
R
10
-1.50
-2.00
1.0
10
2
f=1MHz
-1.00
-0.50
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com