Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1738 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1738
Description  Slew Rate Controlled Ultralow Noise DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1738 Datasheet(HTML) 2 Page - Linear Technology

  LT1738_15 Datasheet HTML 1Page - Linear Technology LT1738_15 Datasheet HTML 2Page - Linear Technology LT1738_15 Datasheet HTML 3Page - Linear Technology LT1738_15 Datasheet HTML 4Page - Linear Technology LT1738_15 Datasheet HTML 5Page - Linear Technology LT1738_15 Datasheet HTML 6Page - Linear Technology LT1738_15 Datasheet HTML 7Page - Linear Technology LT1738_15 Datasheet HTML 8Page - Linear Technology LT1738_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1738
1738fa
(Note 1)
Supply Voltage (VIN) ................................................ 20V
Gate Drive Current ..................................... Internal Limit
V5 Current ................................................. Internal Limit
SHDN Pin Voltage .................................................... 20V
Feedback Pin Voltage (Trans. 10ms) ......................
±10V
Feedback Pin Current ............................................ 10mA
Negative Feedback Pin Voltage (Trans. 10ms) ........
±10V
CS Pin .......................................................................... 5V
GCL Pin ..................................................................... 16V
SS Pin .......................................................................... 3V
Operating Junction Temperature Range
(Note 3) ............................................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1738EG
LT1738IG
TJMAX = 150°C, θJA = 110°C/ W
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VC = 0.9V, VFB = VREF, RVSL, RCSL = 16.9k, RT = 16.9k and
other pins open unless otherwise noted.
1
2
3
4
5
6
7
8
9
10
TOP VIEW
G PACKAGE
20-LEAD PLASTIC SSOP
20
19
18
17
16
15
14
13
12
11
GATE
CAP
GCL
CS
V5
SYNC
CT
RT
FB
NFB
PGND
NC
NC
VIN
RVSL
RCSL
SHDN
SS
VC
GND
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifiers
VREF
Reference Voltage
Measured at Feedback Pin
q
1.235
1.250
1.265
V
IFB
Feedback Input Current
VFB = VREF
q
250
1000
nA
FBREG
Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 20V
q
0.012
0.03
%/V
VNFR
Negative Feedback Reference Voltage
Measured at Negative Feedback Pin
q
–2.56
– 2.50
–2.45
V
with Feedback Pin Open
INFR
Negative Feedback Input Current
VNFB = VNFR
–37
– 25
µA
NFBREG
Negative Feedback Reference Voltage Line Regulation
2.7V
≤ VIN ≤ 20V
q
0.009
0.03
%/V
gm
Error Amplifier Transconductance
∆IC = ±50µA
1100
1500
2200
µmho
q
700
2500
µmho
IESK
Error Amp Sink Current
VFB = VREF + 150mV, VC = 0.9V
q
120
200
350
µA
IESRC
Error Amp Source Current
VFB = VREF – 150mV, VC = 0.9V
q
120
200
350
µA
VCLH
Error Amp Clamp Voltage
High Clamp, VFB = 1V
1.27
V
VCLL
Error Amp Clamp Voltage
Low Clamp, VFB = 1.5V
0.12
V
AV
Error Amplifier Voltage Gain
180
250
V/V
FBOV
FB Overvoltage Shutdown
Outputs Drivers Disabled
1.47
V
ISS
Soft-Start Charge Current
VSS = 1V
9.0
12
µA
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com