Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF8233 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STF8233
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF8233 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STF8233 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 6Page - SamHop Microelectronics Corp. STF8233 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
IGSS
±10
uA
VGS(th)
0.5
V
m ohm
VGS=4.5V , ID=5.5A
RDS(ON)
Drain-Source On-State Resistance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=1.0mA
VDS=18V , VGS=0V
VGS= ±12V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
ON CHARACTERISTICS
STF8233
Ver 2.1
0.85
1.5
gFS
38
S
CISS
1310
pF
COSS
264
pF
CRSS
235
pF
Qg
31
nC
87
nC
Qgs
69
nC
Qgd
37
tD(ON)
15
ns
tr
3
ns
tD(OFF)
7
ns
tf
ns
Gate-Drain Charge
VDS=10V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=16V
ID=5.5A
VGS=4.5V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
VDS=5V , ID=5.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
Forward Transconductance
Reverse Transfer Capacitance
VGS=4.0V , ID=5.5A
m ohm
c
f=1.0MHz
c
VDS=16V,ID=11A,
VGS=4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VSD
Diode Forward Voltage
VGS=0V,IS=11A
0.87
1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
c.Guaranteed by design, not subject to production testing.
_
_
www.samhop.com.tw
Oct,22,2013
2
_
6.0
7.2
6.2
7.5
VGS=3.7V , ID=5.5A
m ohm
VGS=2.5V , ID=5.5A
m ohm
8.2
10.2
4.5
4.8
6.0
VGS=3.1V , ID=5.5A
m ohm
7.0
9.0
5.3
6.5
8.2
5.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com