Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3435 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3435
Description  High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3435 Datasheet(HTML) 2 Page - Linear Technology

  LT3435_15 Datasheet HTML 1Page - Linear Technology LT3435_15 Datasheet HTML 2Page - Linear Technology LT3435_15 Datasheet HTML 3Page - Linear Technology LT3435_15 Datasheet HTML 4Page - Linear Technology LT3435_15 Datasheet HTML 5Page - Linear Technology LT3435_15 Datasheet HTML 6Page - Linear Technology LT3435_15 Datasheet HTML 7Page - Linear Technology LT3435_15 Datasheet HTML 8Page - Linear Technology LT3435_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3435
2
3435fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Threshold
1.15
1.3
1.45
V
ISHDN
SHDN Input Current
SHDN = 12V
●
520
µA
Minimum Input Voltage (Note 3)
●
2.4
3
V
IVINS
Supply Shutdown Current
SHDN = 0V, BOOST = 0V, FB/PGFB = 0V
0.1
2
µA
Supply Sleep Current (Note 4)
BIAS = 0V, FB = 1.35V
●
170
250
µA
FB = 1.35V
●
45
75
µA
IVIN
Supply Quiescent Current
BIAS = 0V, FB = 1.15V
3.3
7
mA
BIAS = 5V, FB = 1.15V
2.6
6
mA
Minimum BIAS Voltage (Note 5)
●
2.7
3.1
V
IBIASS
BIAS Sleep Current (Note 4)
●
125
180
µA
IBIAS
BIAS Quiescent Current
SYNC = 3.3V
700
900
µA
Minimum Boost Voltage (Note 6)
ISW = 1.5A
1.8
V
Input Boost Current (Note 7)
ISW = 3A
65
85
mA
VREF
Reference Voltage (VREF)
3.3V < VVIN < 60V
●
1.225
1.25
1.275
V
IFB
FB Input Bias Current
75
200
nA
EA Voltage Gain (Note 8)
900
V/V
EA Voltage gm
dI(VC)= ±10µA
400
650
900
µMho
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
(Note 1)
VIN, SHDN, BIAS, PGOOD, SW ............................... 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC, CSS, PGFB, FB................................................ 6V
Operating JunctionTemperature Range
(Note 2) ........................................... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB/PGFB = 1.25V, CSS/SYNC = 0V
unless otherwise noted.
TJMAX = 125°C, θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO GND (PIN 8)
FE PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
LT3435EFE
LT3435IFE
3435EFE
3435IFE
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
SW
VIN
VIN
SW
BOOST
CT
GND
PGOOD
SHDN
SYNC
PGFB
FB
VC
BIAS
CSS
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com