Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3510 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3510
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510 Datasheet(HTML) 2 Page - Linear Technology

  LT3510_15 Datasheet HTML 1Page - Linear Technology LT3510_15 Datasheet HTML 2Page - Linear Technology LT3510_15 Datasheet HTML 3Page - Linear Technology LT3510_15 Datasheet HTML 4Page - Linear Technology LT3510_15 Datasheet HTML 5Page - Linear Technology LT3510_15 Datasheet HTML 6Page - Linear Technology LT3510_15 Datasheet HTML 7Page - Linear Technology LT3510_15 Datasheet HTML 8Page - Linear Technology LT3510_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT3510
2
3510fe
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN1/2, SHDN, PG1/2 ...................................... 25V/–0.3V
SW1/2....................................................................VIN1/2
BST1/2 ........................................................... 35V/–0.3V
BST1/2 Pins Above SW1/2........................................25V
IND1/2 .....................................................................±4A
VOUT1/2........................................................ VIN1/2/–0.3V
FB1/2, SS1/2, RT/SYNC............................................5.5V
VC1/2 ......................................................................±1mA
Operating Junction Temperature Range
LT3510EFE (Notes 2, 8) ..................... –40°C to 125°C
LT3510IFE (Notes 2, 8) ...................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVIN1/2 = 15V, VBST1/2 = open, VRT/SYNC = 2V, VVOUT1/2 = open,
unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Threshold
VOUT1/2 = 0V, RT/SYNC = 133k
l
1.23
1.28
1.37
V
SHDN Input Current
VSHDN = 1.375V
VSHDN = 1.225V
7
2
10
3
13
5
μA
μA
Minimum Input Voltage Ch 1 (Note 3)
VFB1/2 = 0V, VVOUT1/2 = 0V, VIND1/2 = 0V, RT/SYNC = 133k
2.8
3
V
Minimum Input Voltage Ch 2
VFB1/2 = 0V, VVOUT1/2 = 0V, VIND1/2 = 0V
2.8
3
V
Supply Shutdown Current Ch 1
VSHDN = 0V
l
930
μA
Supply Shutdown Current Ch 2
VSHDN = 0V
0
5
μA
Supply Quiescent Current Ch 1
VFB1/2 = 0.9V
3.5
5
mA
Supply Quiescent Current Ch 2
VFB1/2 = 0.9V
200
500
μA
Feedback Voltage Ch 1/2
VVC1/2 = 1V
l
0.784
0.8
0.816
V
PIN CONFIGURATION
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
VIN1
SW1
IND1
VOUT1
PG1
PG2
VOUT2
IND2
SW2
VIN2
BST1
SS/TRACK1
VC1
FB1
RT/SYNC
SHDN
FB2
VC2
SS/TRACK2
BST2
21
TJMAX = 125°C, θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3510EFE#PBF
LT3510EFE#TRPBF
LT3510FE
20-Lead TSSOP
–40°C to 125°C
LT3510IFE#PBF
LT3510IFE#TRPBF
LT3510FE
20-Lead TSSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3510EFE
LT3510EFE#TR
LT3510FE
20-Lead TSSOP
–40°C to 125°C
LT3510IFE
LT3510IFE#TR
LT3510FE
20-Lead TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com