Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4432 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM4432
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4432 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM4432 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4432 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4432 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4432 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4432 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4432 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4432 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STM4432
Ver 1.0
www.samhop.com.tw
Nov,03,2010
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
125 C
75 C
30
25
20
15
10
5
0
24
6
8
10
0
25 C
ID=12A
20.0
10.0
1.0
0
0.25
0.50
0.75
1.00
1.25
5.0
25 C
75 C
125 C
Ciss
Coss
Crss
1800
1500
1200
900
600
300
0
10
15
20
25
30
0
5
10
8
6
4
2
0
05
10
15
20
25
30
35
40
VDS=20V
ID=12A
110
100
1
10
100
300
VDS=20V,ID=1A
VGS=10V
Tr
Tf
TD(on)
TD(off )
0.1
110
100
0.1
1
10
100
V GS =10V
S ingle P uls e
T A=25 C
R DS
(O
N)
Lim
it
DC
1S
1m
s
100u
s
10ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com