Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4884 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STM4884
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4884 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STM4884 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4884 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4884 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4884 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4884 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4884 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4884 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STM4884
Ver 3.2
www.samhop.com.tw
Mar,02,2011
3
Drain-Source Voltage VDS
(V)
ID -VDS
Gate-Source Voltage VGS (V)
110
100
1
10
100
0.1
VDS=10V
20
16
12
8
4
0
0
0.2
0.4
0.6
0.8
1.0
VGS=3 V
VGS =2. 5V
VGS=3.5 V
VGS =5V
VGS =10V
50
40
30
20
10
0
0
0.4
0.8
1.2
1.6
2.0
VGS =3V
VGS=2 .5V
VGS= 3.5V
VGS=5V
VGS= 10V
VGS =4V
35
28
21
14
7
0
0
1
2
3
4
5
-55 C
Tj=100 C
25 C
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
ID=1 3A
6. 5A
3A
0.1
110
100
1
10
100
0.1
0.1
VGS=4.5 V
VGS=10V
Drain-Source Voltage VDS
(V)
ID -VDS
ID -VGS
VDS -VGS
Gate-Source Voltage VGS (V)
Drain Current ID (A)
Drain Current ID (A)
Yfs
-ID
RDS(ON) -ID



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com