Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6802 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6802
Description  800mA Single Cell Li-ion Battery Linear Charger IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6802 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6802_15 Datasheet HTML 1Page - Torex Semiconductor XC6802_15 Datasheet HTML 2Page - Torex Semiconductor XC6802_15 Datasheet HTML 3Page - Torex Semiconductor XC6802_15 Datasheet HTML 4Page - Torex Semiconductor XC6802_15 Datasheet HTML 5Page - Torex Semiconductor XC6802_15 Datasheet HTML 6Page - Torex Semiconductor XC6802_15 Datasheet HTML 7Page - Torex Semiconductor XC6802_15 Datasheet HTML 8Page - Torex Semiconductor XC6802_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/21
XC6802 Series
XC6802A42X
PIN NAME
CONDITIONS
IC OPERATION
H Level (1.4V≦VSEN≦VIN) or Open
OFF (Shutdown Mode)
ISEN
Pull-down by external components
ON, Charge Current IBAT=1000 / RSEN *
* For SOT-25, SOT-89-5, and USP-6C, charge current should be set to become IBAT≦800mA.
For USP-6EL, charge current should be set to become IBAT≦500mA.
PIN NUMBER
SOT-25
SOT-89-5
USP-6C
USP-6EL
PIN NAME
FUNCTIONS
1
5
3
3
/CHG
Charge Status Output Pin
2
2
2
2
VSS
Ground
3
4
1
1
BAT
Charge Current Output Pin
4
3
6
6
VIN
Input Voltage Pin
5
1
4
4
ISEN
Charge Current Setup Pin
-
-
5
5
NC
No Connection
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
PR
SOT-89-5 (1,000/Reel)
PR-G
SOT-89-5 (1,000/Reel)
MR
SOT-25 (3,000/Reel)
MR-G
SOT-25 (3,000/Reel)
ER
USP-6C (3,000/Reel)
ER-G
USP-6C (3,000/Reel)
①②-③
(*1)
Packages (Order Unit)
4R-G
USP-6EL (3,000/Reel)
■PIN CONFIGURATION
■PIN ASSIGNMENT
■ PRODUCT CLASSIFICATION
●Ordering Information
XC6802A42X①②-③
* The dissipation pad for the USP-6C / USP-6EL package should be solder-plated in recommended mount pattern and
metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it
should be connected to the VSS (No. 2) pin.
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
■FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com