Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6967 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM6967
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM6967 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM6967 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM6967 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STM6967
Ver 1.0
www.samhop.com.tw
Apr,28,2010
4
-VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
-VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
-VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
-VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
240
200
160
120
80
40
0
2
4
6
8
10
0
25 C
125 C
75 C
ID=-4A
100
10
1
60
1
6 10
100
VDS=-15V,ID=-1A
VGS=-10V
TD(off )
Tr
Tf
TD(on)
20.0
10.0
1.0
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
Ciss
Coss
1800
1500
1200
900
600
300
0
Crss
8
10
6
4
2
0
0
3
9
12
18
21
24
VDS=-15V
ID=-4A
6
15
0.1
1
10
10
1
0.1
0.03
25 C
125 C
75 C
60
R
DS
(O
N)
Lim
it
VGS=-10V
Single Pulse
TA=25 C
100
us
1m
s
10m
s
100
ms
1s
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com