Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC8101 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC8101
Description  High Side Load Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8101 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC8101_15 Datasheet HTML 1Page - Torex Semiconductor XC8101_15 Datasheet HTML 2Page - Torex Semiconductor XC8101_15 Datasheet HTML 3Page - Torex Semiconductor XC8101_15 Datasheet HTML 4Page - Torex Semiconductor XC8101_15 Datasheet HTML 5Page - Torex Semiconductor XC8101_15 Datasheet HTML 6Page - Torex Semiconductor XC8101_15 Datasheet HTML 7Page - Torex Semiconductor XC8101_15 Datasheet HTML 8Page - Torex Semiconductor XC8101_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2/37
XC8101 Series
PIN NUMBER
USP-4
SOT-25
SSOT-24
PIN NAME
FUNCTIONS
4
1
4
VIN
Power Input
1
5
3
VOUT
Output
2
2
2
VSS
Ground
3
3
1
CE
ON/OFF Control
-
4
-
NC
No Connection
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
CE pin logic
A
High active enable
②
CL Discharge Function
A
Output capacitor (CL) auto-discharge
function integrated
③④
Internal Standard
Number
01
Fixed
GR-G
USP-4 (3,000/Reel)
MR-G
SOT-25 (3,000/Reel)
⑤⑥-⑦(
*1)
Packages
(Order Unit)
NR-G
SSOT-24 (3,000/Reel)
SERIES
CE
IC OPERATIONAL STATUS
ON/OFF
High
ON
XC8101AA01
Low
OFF
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC8101①②③④⑤⑥-⑦(
*1)
*The heat dissipation pad of the USP-4
package is recommended to solder as
shown in the recommended mount pattern
and metal mask pattern for mounting
strength. The heat dissipation pad should
be electrically opened or connected to the
VSS (No. 2) pin.
USP-4
(BOTTOM VIEW)
SOT-25
(TOP VIEW)
SSOT-24
(TOP VIEW)
■
FUNCTION CHART
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com