Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9401 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9401
Description  Off-line Controllers for LED Lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9401 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9401_15 Datasheet HTML 1Page - Torex Semiconductor XC9401_15 Datasheet HTML 2Page - Torex Semiconductor XC9401_15 Datasheet HTML 3Page - Torex Semiconductor XC9401_15 Datasheet HTML 4Page - Torex Semiconductor XC9401_15 Datasheet HTML 5Page - Torex Semiconductor XC9401_15 Datasheet HTML 6Page - Torex Semiconductor XC9401_15 Datasheet HTML 7Page - Torex Semiconductor XC9401_15 Datasheet HTML 8Page - Torex Semiconductor XC9401_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/19
XC9401Series
■
BLOCK DIAGRAM
1) XC9401 Series, Type A
2) XC9401 Series, Type B
EN/DIM
Logic
ISEN
GATE
Buffer
Drive
&
Voltage
Level
Shifter
Voltage Regulator
5V
VSINE
to Internal Circuits
GND
VDD
Thermal Shutdown
150℃
OVP
16.5V / 18V
EN/DIM
&
DELAY
Off Time Controller
6μs
VREF
(Bandgap reference)
UVLO
6.5V / 7.5V
Min. ON Time
Controller
Over Current Limit
CMP
×0.2783
PWMCMP
Off Time Controller
140μs
(Over Current Limit)
180Ω
0.7V
Logic
ISEN
GATE
Buffer
Drive
&
Voltage
Level
Shifter
Voltage Regulator
5V
NF
to Internal Circuits
GND
VDD
Thermal Shutdown
150℃
OVP
16.5V / 18V
EN/DIM
&
DELAY
Off Time Controller
6μs
VREF
(Bandgap reference)
UVLO
6.5V / 7.5V
Min. ON Time
Controller
Over Current Limit
CMP
×0.2783
PWMCMP
Off Time Controller
140μs
(Over Current Limit)
180Ω
0.7V
EN/DIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com