Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP12 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # VP12
Description  HIGH-VOLTAGE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

VP12 Datasheet(HTML) 2 Page - Leshan Radio Company

  VP12 Datasheet HTML 1Page - Leshan Radio Company VP12 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
14C–2/2
HVM5-HVM16 HVP5-HVP16
RATING & CHARACTERISTIC CURVES OF HIGH-VOLTAGE DIODES
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARDSURGECURRENT
60
125
0.75
0.35
FIG. 1 - CHRRENT DERATING
60
50
40
30
20
10
0
1
10
100
AMBIENT TEMPERATUER.°C
NUMBER OF CYCLES AT 60Hz
T = 25°C
I
O(A)
Tamb (°C)
INSTANTANEOUS FORWARD VOLTAGE.VOLTS
06
8
10
12
14
16
5
0.35
0.05
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
RATED PEAK REVERSE VOLTAGE(%)
5
8
10
12
14
16
100
10
1.0
0.4
0.1
TA=125°C
FIG.3-TYPICALREVERSECHARACTERISTICS
TA=25°C
HVP
HVM
HVP
HVM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com