Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD701 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MBD701
Description  Silicon Hot-Carrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MBD701 Datasheet(HTML) 1 Page - Leshan Radio Company

  MBD701 Datasheet HTML 1Page - Leshan Radio Company MBD701 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
G18–1/2
1
3
2
MBD701
MMBD701LT1
MAXIMUM RATINGS (T J = 125°C unless otherwise noted)
MBD701
MMBD701LT1
Rating
Symbol
Value
Unit
Reverse Voltage
V R
70
Volts
Forward Power Dissipation
P F
@ T A = 25°C
280
200
mW
Derate above 25°C
2.8
2.0
mW/°C
Operating Junction
T J
°C
Temperature Range
–55 to +125
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MMBD701LT1 = 5H
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
typ
M a x
Unit
Reverse Breakdown Voltage (I R = 10
µAdc)
V (BR)R
70
—
—
Volts
Total Capacitance (V R = 20 V, f = 1.0 MHz) Figure 1
C T
—
0.5
1.0
pF
Reverse Leakage (V R = 35 V) Figure 3
I R
—
9.0
200
nAdc
Forward Voltage (I F = 1.0 mAdc) Figure 4
V F
—
0.42
0.5
Vdc
Forward Voltage (I F = 10 mAdc) Figure 4
V F
—
0.7
1.0
Vdc
NOTE: MMBD701LT1 is also available in bulk packaging. Use MMBD701L as the device title to order this device in bulk.
70 VOLTS
HIGH-VOLTAGE
SILICON HOT-CARRIER
DETECTOR AND SWITCHING
DIODES
CASE
318–08, STYLE8
SOT– 23 (TO–236AB)
3
CATHODE
1
ANODE
These devices are designed primarily for high–efficiency UHF
and VHF detector applications. They are readily adaptable to many
other fast switching RF and digital applications. They are supplied
in an inexpensive plastic package for low–cost,high–volume
consumer and industrial/commercial requirements. They are also
available in a Surface Mount package.
• Extremely Low Minority Carrier Lifetime – 15 ps (Typ)
• Very Low Capacitance – 1.0 pF @ V R = 20 V
• High Reverse Voltage – to 70 Volts
• Low Reverse Leakage – 200 nA (Max)
Silicon Hot –Carrier Diodes


Similar Part No. - MBD701

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBD701 MOTOROLA-MBD701 Datasheet
128Kb / 6P
70 VOLTS HIGH.VOLTAGE SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MBD701 ONSEMI-MBD701 Datasheet
89Kb / 4P
SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MBD701 ONSEMI-MBD701 Datasheet
64Kb / 4P
Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
October, 2006 ??Rev. 4
MBD701 ONSEMI-MBD701 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
MBD701 ONSEMI-MBD701 Datasheet
94Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 7
More results

Similar Description - MBD701

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
MMDL301T1 LRC-MMDL301T1 Datasheet
118Kb / 3P
Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MBD701 ONSEMI-MBD701_16 Datasheet
94Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com