Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APG2C1-365-R4 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # APG2C1-365-R4
Description  High Power Single Chip LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APG2C1-365-R4 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  APG2C1-365-R4 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APG2C1-365-R4 Datasheet HTML 2Page - Roithner LaserTechnik GmbH APG2C1-365-R4 Datasheet HTML 3Page - Roithner LaserTechnik GmbH APG2C1-365-R4 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
29.04.2015
APG2C1-365-r4
4 / 4
Soldering Conditions
Reflow Soldering:
APG2C1 LEDs have a maximum storage temperature of 85°. Therefor it is not possible to use
a reflow soldering process for array assembly!
Hot Bar Soldering:
A Hot Bar Soldering process is recommended when soldering APG2C1 emitters. This process
will only transfer heat to the leads and avoids overheating the emitter which will damage the
device. In order to transfer sufficient heat from the hot bar to the device, following parameters
must be carefully considered:
•
Amount of flux
•
Pressing force of solder tip
•
Hot bar temperature
For the standard assembly process, following parameters should be maintained:
•
Hot Bar temperature: 330 °C
•
Force of Hot Bar. 40 N
•
Soldering time: 1.5 s
It is recommended to use a copper nickel-plated hot bar mounted to standard temperature
controlled soldering equipment.
Manual Hand Soldering:
For prototype build or small series production runs, it is possible to place and solder the
emitters by hand. It is therefore recommended to maintain the following parameters:
•
Solder Tip Temperature 330 °C
•
Soldering time. < 1.5 s
•
Junction temperature must be kept below 70 °C
A visual inspection may be used to check the quality of the solder joint
General Soldering Precautions:
•
Mechanical stress, shock and vibration must be avoided during soldering
•
Only use non corrosive flux.
•
Do not apply current to the device until it has cooled down to room temperature after
soldering.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com