Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUN8AF1A Datasheet(PDF) 9 Page - Roithner LaserTechnik GmbH

Part # CUN8AF1A
Description  High power UV LED series are designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CUN8AF1A Datasheet(HTML) 9 Page - Roithner LaserTechnik GmbH

Back Button CUN8AF1A Datasheet HTML 5Page - Roithner LaserTechnik GmbH CUN8AF1A Datasheet HTML 6Page - Roithner LaserTechnik GmbH CUN8AF1A Datasheet HTML 7Page - Roithner LaserTechnik GmbH CUN8AF1A Datasheet HTML 8Page - Roithner LaserTechnik GmbH CUN8AF1A Datasheet HTML 9Page - Roithner LaserTechnik GmbH CUN8AF1A Datasheet HTML 10Page - Roithner LaserTechnik GmbH CUN8AF1A Datasheet HTML 11Page - Roithner LaserTechnik GmbH CUN8AF1A Datasheet HTML 12Page - Roithner LaserTechnik GmbH CUN8AF1A Datasheet HTML 13Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
서식Rev: 00
www.seoulviosys.com
www.seoulviosys.com
3.2
3.4
3.6
3.8
4.0
4.2
4.4
25
35
45
55
65
75
85
Ambient Temperature [ ℃]
7. Forward Voltage VS Ambient Temperature
(IF=500mA)
8. Radiation pattern
0
0.5
1
-90
-45
0
45
90
Viewing Angle [ deg.]
(IF=500mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com