Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301L Datasheet(PDF) 1 Page - Leshan Radio Company

Part # MMBD301L
Description  Silicon Hot-Carrier Diodes Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBD301L Datasheet(HTML) 1 Page - Leshan Radio Company

  MMBD301L Datasheet HTML 1Page - Leshan Radio Company MMBD301L Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
G16–1/2
MAXIMUM RATINGS(TJ=125°C unless otherwise noted)
MBD301
MMBD301LT1
Rating
symbol
value
unit
Reverse Voltage
V R
30
Volts
Forward Power Dissipation
P F
@TA=25 °C
280
200
mW
Derate above 25 °C
2.8
2.0
mW/ °C
Operating Junction
T J
°C
Temperature Range
–55 to +125
Storage Temperature Range
T stg
–55 to +150
°C
DEVICE MARKING
MMBD301LT1=4T
ELECTRICAL CHARACTERISTICS(TA=25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
M a x
Unit
Reverse Breakdown Voltage(IR=10
µA)
V (BR)R
30
Volts
Total Capacitance(VR=15V,f=1.0MHz,)Figure1
C T
0.9
1.5
pF
Reverse Leakage(VR=25V)Figure3
I R
13
200
nAdc
Forward Voltage(IF=1.0mAdc)Figure4
V F
0.38
0.45
Vdc
Forward Voltage(IF=10mAdc)Figure4
V F
0.52
0.6
Vdc
NOTE:MMBD301LT1 is also available in bulk packaging.Use MMBD301L as the device title to order this device in bulk.
Silicon Hot–Carrier Diodes
Schottky Barrier Diodes
3
CATHODE
1
ANODE
These devices are designed primarily for high–efficiency UHF and VHF detector
applications.They are readily adaptable to many other fast switching RF and digital
applications.They are supplied in an inexpensive plastic package for low–cost,
high–volume consumer and industrial/commercial requirements.They are also
available in a Surface Mount package.
EXtremely Low Minority Carrier Lifetime –15ps(Typ)
very Low Capacitance –1.5pF(Max)@VR=15V
CLow Reverse Leakage –IR=13 nAdc(Typ)MBD301,MMBD301
1
3
2
CASE
318–08, STYLE 6
SOT– 23
(TO–236AB)
MMBD301LT1
30 VOLTS
SILICON HOT–CARRIER
DETECTOR AND SWITCHING
DIODES


Similar Part No. - MMBD301L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD301L ONSEMI-MMBD301L Datasheet
90Kb / 4P
SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MMBD301LT1 ONSEMI-MMBD301LT1 Datasheet
90Kb / 4P
SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
MMBD301LT1 ONSEMI-MMBD301LT1 Datasheet
65Kb / 5P
Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MMBD301LT1G ONSEMI-MMBD301LT1G Datasheet
65Kb / 5P
Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MMBD301LT1G ONSEMI-MMBD301LT1G Datasheet
135Kb / 5P
Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
More results

Similar Description - MMBD301L

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MBD701 LRC-MBD701 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
MMBD452LT1G ONSEMI-MMBD452LT1G_09 Datasheet
124Kb / 3P
Dual Hot-Carrier Diodes Schottky Barrier Diodes
August, 2009 ??Rev. 4
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MBD701 ONSEMI-MBD701_16 Datasheet
94Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com