Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M30620ECFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620ECFS Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M30620ECFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M30620ECFS Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 276 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory Space Expansion Functions
24
(3) Expansion mode 2
In expansion mode 2, the data bank register (0000B16) goes effective. Figure 1.8.4 shows the data bank
register.
Figure 1.8.4. Data bank register
Data bank register
Symbol
Address
When reset
DBR
000B16
0016
Bit name
Description
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
OFS
Offset bit
0: Not offset
1: Offset
BSR
Bank selection bits
0 0 0: Bank 0
0 0 1: Bank 1
0 1 0: Bank 2
0 1 1: Bank 3
1 0 0: Bank 4
1 0 1: Bank 5
1 1 0: Bank 6
1 1 1: Bank 7
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
b5 b4 b3
b5 b4 b3
Microprocessor
mode
SFR area
Internal RAM area
External area
Internal area reserved
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
0800016
Memory
expansion mode
SFR are
a
Internal RAM area
External area
Internal ROM area
Internal area reserved
Internal area reserved
CS3(16K bytes)
CS2(128K bytes)
CS1 (96K bytes)
2800016
4000016
0400016
Expansion mode 2 (memory space = 4M bytes for PM15 = 1, PM14 = 1)
CS0
Addresses from 4000016 through BFFFF16
Bank 7 in fetching a program
A bank selected by use of the bank selection
bits in accessing data
Addresses from C000016 through FFFFF16
Bank 7 invariably
Bank number is output to CS3 to CS1
Note 1: These memory maps show an instance in which PM13 is set to 0; but in the case of M30624MG/FG, they
show an instance in which PM13 is set to 1.
Note 2: The memory maps in single-chip mode are omitted.
Memory expansion mode:
512K bytes x 7banks +
256K bytes
Microprocessor mode:
512K bytes x 8banks
M30622M4
00FFF16
F800016
C000016
053FF16
M30624MG/FG
M30620M8
02BFF16
F000016
E800016
017FF16
M30622MA
E000016
017FF16
M30622MC
M30620MA
E800016
02BFF16
M30622M8/E8
F000016
013FF16
Address XXXXX16
Type No.
Address YYYYY16
M30620MC/EC
E000016
02BFF16
Figure 1.8.5. Memory location and chip select area in expansion mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com