Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIELDMATE Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # FIELDMATE
Description  analog needle for tuning
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

FIELDMATE Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  FIELDMATE Datasheet HTML 1Page - Roithner LaserTechnik GmbH FIELDMATE Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
FieldMate
v 2.0 21.08.2014
Description
FieldMate combines a digital display and analog meter with sophisticated digital processing to enable
rapid, sensitive laser adjustment. This meter also offers an economical way of measuring laser power
when advanced data analysis is not necessary.
FieldMate will be delivered with two alkaline 9V batteries, power cord, AC power adapter, RCA-to-BNC
analog output adapter, and certificate of calibration.
Characteristics
Parameter
Values
Unit
Power Resolution
0.1% of full-scale for all ranges in the 105 scale
0.3% of full-scale for all ranges in the 35 scale
Measurement Range
Sensor dependent
Accuracy
System
Meter accuracy + sensor accuracy
Analog meter
±3.0
%
Analog Output
±1.0
%
Calibration Uncertainty (k=2)
±1.0
5
Power Sampling Rate
20 (thermopile and optical)
Hz
Display
26x89 mm, custom fixed-segment LCD
Analog Needle
Scale
0 to 10 (100 divisions), 0 to 3 (60 divisions)
Response
80 ms time constant
Analog Output
Voltage
0 to 2
VDC
Update Rate
20
times/sec.
Temperature
Operating Range
5 – 40
°C
Storage Range
-20 – 70
Instrument Power
100 – 240 (50/60 Hz)
VAC
Instrument Batteries
Two 9V alkaline batteries
Compliance
CE, RoHS, WEEE, ISO 17025


Similar Part No. - FIELDMATE

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
FIELDMAXII-FAMILY COHERENT-FIELDMAXII-FAMILY Datasheet
165Kb / 2P
Laser Power and Energy Meters
logo
Roithner LaserTechnik G...
FIELDMAXII-TO ROITHNER-FIELDMAXII-TO Datasheet
740Kb / 2P
measure energy of pulsed lasers up to 300 pps
More results

Similar Description - FIELDMATE

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BBY51-03W SIEMENS-BBY51-03W Datasheet
26Kb / 3P
Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
BBY53-02W SIEMENS-BBY53-02W Datasheet
12Kb / 3P
Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
BBY53 SIEMENS-BBY53 Datasheet
17Kb / 3P
Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
Frequency Synthesizer for Radio Tuning
logo
ATMEL Corporation
ATR4256 ATMEL-ATR4256 Datasheet
522Kb / 21P
Frequency Synthesizer for Radio Tuning
logo
Ralston Instruments.
AS-QTHA-0109-BR RALSTON-AS-QTHA-0109-BR Datasheet
299Kb / 1P
Needle valve assembly, brass
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
Needle valve assembly, stainless steel
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
Needle Tip, Replacement
logo
List of Unclassifed Man...
BU-50C ETC2-BU-50C Datasheet
53Kb / 1P
Meter Testing Clip With Needle
logo
Hitachi Semiconductor
SAS560S HITACHI-SAS560S Datasheet
847Kb / 3P
SENSER FOR ELECTRONIC TUNING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com