Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIELDMAXII-TO Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # FIELDMAXII-TO
Description  measure energy of pulsed lasers up to 300 pps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

FIELDMAXII-TO Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  FIELDMAXII-TO Datasheet HTML 1Page - Roithner LaserTechnik GmbH FIELDMAXII-TO Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.roithner-laser.com
2
Characteristics
Parameter
Values
Unit
Function
Power
Measurement Resolution
0.1% of full-scale
Measurement Range
Sensor dependent
Accuracy
System
Meter accuracy + sensor accuracy
Analog Output
±1.0
%
Calibration Uncertainty (k=2)
±1.0
5
Power Sampling Rate
10
Hz
Display
58x73 mm, fixed-segment LCD with backlight
Digital Tuning Indicator
100 msec time constant
Statistics
Mean, max., min., standard deviation
PC Interface
USB 1.1
Analog Output
0 to 1, 2 or 5 (selectable)
VDC
Temperature
Operating Range
5 – 40
°C
Storage Range
-20 – 70
Instrument Power
100 – 240 (50/60 Hz)
VAC
Instrument Batteries
Rechargeable NiMH battery pack
Compliance
CE, RoHS, WEEE, ISO 17025
Dimensions (H x W x D)
200 x 100 x 40
mm
Weight
1.0
kg
Front Panel
PWR
Toggle power switch and backlight
ZERO
Reset ambient offset for thermal and optical sensors
AUTO
Engage auto-ranging with power sensors
STAT
Display statistics: mean, max., min., standard deviation
AVG
Engage display averaging
λ
Enter wavelength and engage wavelength compensation
ATTEN
Enter attenuation factor and engage attenuation
AREA
W/cm² (power density)
HOLD
Holds displayed values on screen
SETUP / LOCAL
Set and enter button / Takes local control of meter back from PC
ARROW KEYS
Manually control range; Select Stats parameter;
Select change numerical values
Left Side Panels
Power jack
USB PC Interface port
Analog output
Right Side Panels
DB-25 sensor port
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com