Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906WT1 Datasheet(PDF) 8 Page - Leshan Radio Company

Part # MMBT3906WT1
Description  General Purpose Transistors(NPN and PNP Silicon)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBT3906WT1 Datasheet(HTML) 8 Page - Leshan Radio Company

  MMBT3906WT1 Datasheet HTML 1Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 2Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 3Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 4Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 5Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 6Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 7Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 8Page - Leshan Radio Company MMBT3906WT1 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
K3–8/9
MMBT3906WT1
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(V
CE = –5.0 Vdc, T A = 25°C, Bandwidth = 1.0 Hz)
SOURCE RESISTANCE= 200
Ω
I
C = 1.0 mA
f, FREQUENCY (kHz)
Figure 25
f = 1.0 kHz
I
C = 0.5 mA
SOURCE RESISTANCE =2.0k
Ω
I
C = 50 µA
SOURCE RESISTANCE= 2.0k
Ω
I
C = 100 µA
SOURCE RESISTANCE= 200
Ω
I
C = 0.5 mA
MMBT3906WT1
I
C = 1.0 mA
I
C = 100 µA
I
C = 50 µA
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
100
5.0
4.0
3.0
2.0
1.0
0
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
100
14
12
10
8
6
4
2
0
MMBT3906WT1
MMBT3906WT1
MMBT3906WT1
MMBT3906WT1
MMBT3906WT1
h PARAMETERS
(V
CE = –10 Vdc, f = 1.0 kHz, T A = 25°C)
I
C , COLLECTOR CURRENT (mA)
Figure 27. Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 28. Output Admittance
I
C , COLLECTOR CURRENT (mA)
Figure 29. Input Impedance
I
C , COLLECTOR CURRENT (mA)
Figure 30. Voltage Feedback Ratio
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
300
200
100
70
50
30
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
7.0
10
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
10
5.0
2.0
1.0
0.5
0.2
100
70
50
30
20
10
7.0
5.0
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
R
S , SOURCE RESISTANCE (kΩ)
Figure 26
NPN MMBT3904WT1
PNP MMBT3906WT1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com