Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GUVC-T10GD Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # GUVC-T10GD
Description  UV-A Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GUVC-T10GD Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  GUVC-T10GD Datasheet HTML 1Page - Roithner LaserTechnik GmbH GUVC-T10GD Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
07.02.2011
GUVC-T10GD
1 of 2
GUVC-T10GD
TECHNICAL DATA
UV-A Sensor
Features
Applications
• Aluminium Gallium Nitride Based Material
• Schottky-type Photodiode
• Photovoltaic Mode Operation
• Good Visible Blindness
• Pure UV-C Monitoring
• Sterilization Lamp Monitoring
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Forward Current
IF
1
mA
Reverse Voltage
VR
3
V
Operating Temperature
Top
-30 … +85
°C
Storage Temperature
Tst
-40 … +90
°C
Soldering Temperature *
Tsol
260
°C
* must be completed within 10 seconds
Characteristics (25°C)
Item
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Dark Current
ID
VR = 0.1 V
-
-
1
nA
Photo Current
IPD
UVC Lamp, 1 mW/cm²
-
34
-
nA
Temperature Coefficient
ITC
UVC Lamp
-
-0.07
-
% / °C
Responsivity
R
λ = 254 nm, V
R = 0 V
-
0.06
-
A/W
Spectral Detection Range
λ
10% of R
210
-
280
nm
Package Dimension


Similar Part No. - GUVC-T10GD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GUVC-T10GD ETC-GUVC-T10GD Datasheet
218Kb / 1P
UV-C sensor
GUVC-T10GD-L ETC-GUVC-T10GD-L Datasheet
208Kb / 1P
UV-C sensor
More results

Similar Description - GUVC-T10GD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GENUV-L365P-MM ETC-GENUV-L365P-MM Datasheet
323Kb / 1P
UV-A sensor
GUVA-S12SD ETC-GUVA-S12SD Datasheet
265Kb / 1P
UV-A sensor
GUVA-T11GD ETC-GUVA-T11GD Datasheet
273Kb / 1P
UV-A sensor
GUVA-T11GD-L ETC-GUVA-T11GD-L Datasheet
211Kb / 1P
UV-A sensor
GUVA-T21GD-U ETC-GUVA-T21GD-U Datasheet
221Kb / 1P
UV-A sensor
GUVV-T20GD-U ETC-GUVV-T20GD-U Datasheet
168Kb / 1P
UV-A sensor
GUVV-T21GH ETC-GUVV-T21GH Datasheet
206Kb / 1P
UV-A sensor
logo
Roithner LaserTechnik G...
GUVA-T11GD-L ROITHNER-GUVA-T11GD-L Datasheet
383Kb / 2P
UV-A Sensor
GUVV-T10GD ROITHNER-GUVV-T10GD Datasheet
120Kb / 2P
UV-A Sensor
GUVA-T11GD ROITHNER-GUVA-T11GD Datasheet
171Kb / 2P
UV-A Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com