Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3559 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3559
Description  Linear USB Battery Charger with Dual Buck Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3559 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3559_15 Datasheet HTML 16Page - Linear Technology LTC3559_15 Datasheet HTML 17Page - Linear Technology LTC3559_15 Datasheet HTML 18Page - Linear Technology LTC3559_15 Datasheet HTML 19Page - Linear Technology LTC3559_15 Datasheet HTML 20Page - Linear Technology LTC3559_15 Datasheet HTML 21Page - Linear Technology LTC3559_15 Datasheet HTML 22Page - Linear Technology LTC3559_15 Datasheet HTML 23Page - Linear Technology LTC3559_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3559/LTC3559-1
21
3559fb
Table 2 Recommended Inductors
INDUCTOR TYPE
L (μH)
MAX IDC(A)
MAX DCR(
Ω)
SIZE IN MM (L
× W × H)
MANUFACTURER
DB318C
D312C
DE2812C
4.7
3.3
4.7
3.3
4.7
3.3
1.07
1.20
0.79
0.90
1.15
1.37
0.1
0.07
0.24
0.20
0.13*
0.105*
3.8
× 3.8 × 1.8
3.8
× 3.8 × 1.8
3.6
× 3.6 × 1.2
3.6
× 3.6 × 1.2
3.0
× 2.8 × 1.2
3.0
× 2.8 × 1.2
Toko
www.toko.com
CDRH3D16
CDRH2D11
CLS4D09
4.7
3.3
4.7
3.3
4.7
0.9
1.1
0.5
0.6
0.75
0.11
0.085
0.17
0.123
0.19
4
× 4 × 1.8
4
× 4 × 1.8
3.2
× 3.2 × 1.2
3.2
× 3.2 × 1.2
4.9
× 4.9 × 1
Sumida
www.sumida.com
SD3118
SD3112
SD12
SD10
4.7
3.3
4.7
3.3
4.7
3.3
4.7
3.3
1.3
1.59
0.8
0.97
1.29
1.42
1.08
1.31
0.162
0.113
0.246
0.165
0.117*
0.104*
0.153*
0.108*
3.1
× 3.1 × 1.8
3.1
× 3.1 × 1.8
3.1
× 3.1 × 1.2
3.1
× 3.1 × 1.2
5.2
× 5.2 × 1.2
5.2
× 5.2 × 1.2
5.2
× 5.2 × 1.0
5.2
× 5.2 × 1.0
Cooper
www.cooperet.com
LPS3015
4.7
3.3
1.1
1.3
0.2
0.13
3.0
× 3.0 × 1.5
3.0
× 3.0 × 1.5
Coilcraft
www.coilcraft.com
*Typical DCR
Buck Switching Regulator
Input/Output Capacitor Selection
Low ESR (equivalent series resistance) ceramic capaci-
tors should be used at both switching regulator outputs
as well as the switching regulator input supply. Only
X5R or X7R ceramic capacitors should be used because
they retain their capacitance over wider voltage and
temperature ranges than other ceramic types. A 10
μF
output capacitor is sufficient for most applications.
For good transient response and stability the output
capacitor should retain at least 4
μF of capacitance over
operating temperature and bias voltage. The switching
regulator input supply should be bypassed with a 2.2
μF
capacitor. Consult manufacturer for detailed information
on their selection and specifications of ceramic capaci-
tors. Many manufacturers now offer very thin (< 1mm
tall) ceramic capacitors ideal for use in height-restricted
designs. Table 3 shows a list of several ceramic capacitor
manufacturers.
APPLICATIONS INFORMATION
Table 3: Recommended Ceramic Capacitor Manufacturers
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Taiyo Yuden
(408) 537-4150
www.t-yuden.com
TDK
(888) 835-6646
www.tdk.com
PCB Layout Considerations
As with all DC/DC regulators, careful attention must be
paid while laying out a printed circuit board (PCB) and to
component placement. The inductors, input PVIN capacitor
and output capacitors must all be placed as close to the
LTC3559/LTC3559-1 as possible and on the same side as
the LTC3559/LTC3559-1. All connections must be made on
that same layer. Place a local unbroken ground plane below
these components that is tied to the Exposed Pad (Pin 17)
of the LTC3559/LTC3559-1. The Exposed Pad must also
be soldered to system ground for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com