Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT6520 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MMBT6520
Description  High Voltage Transistor(PNP Silicon)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBT6520 Datasheet(HTML) 3 Page - Leshan Radio Company

  MMBT6520 Datasheet HTML 1Page - Leshan Radio Company MMBT6520 Datasheet HTML 2Page - Leshan Radio Company MMBT6520 Datasheet HTML 3Page - Leshan Radio Company MMBT6520 Datasheet HTML 4Page - Leshan Radio Company MMBT6520 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
M24–3/5
T J = 125°C
I C , COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
I C , COLLECTOR CURRENT (mA)
Figure 6. Turn–On Time
I C , COLLECTOR CURRENT (mA)
Figure 2. Current–Gain — Bandwidth Product
I C , COLLECTOR CURRENT (mA)
Figure 3. “On” Voltages
I C , COLLECTOR CURRENT (mA)
Figure 4. Temperature Coefficients
V R , REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitance
25°C
–55°C
T J = 25°C
V CE = 20 V
f = 20 MHz
T J = 25°C
V BE(sat) @ I C /I B = 10
V BE(on) @ V CE = 10 V
V CE(sat) @ I C /I B = 10
V CE(sat) @ I C /I B = 5.0
R θVC for V CE(sat)
R θVBfor V BE
25°C to 125°C
–55°C to 25°C
–55°C to 125°C
I C
I B
= 10
T J = 25°C
C cb
C eb
t d @ V BE(off) = 2.0 V
V CE(off) = 100 V
I C /I B = 5.0
T J = 25°C
t r
V CE = 10 V
1.0
2.0
3.0
5.0
7.0 10
20
30
50
70
100
200
100
70
50
30
20
10
100
70
50
30
20
10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
1.0
2.0
3.0
5.0
7.0 10
20
30
50
70
100
1.0
2.0
3.0
5.0
7.0 10
20
30
50
70
100
1.0
2.0
3.0
5.0
7.0 10
20
30
50
70
100
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
1.0
2.0
3.0
5.0
7.0 10
20
30
50
70
100
1.0k
700
500
300
200
100
70
50
30
20
10
MMBT6520LT1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com