Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS6415 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS6415
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS6415 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS6415 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS6415 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS6415 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS6415 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS6415 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS6415 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS6415 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
1
IGSS
±10
uA
VGS(th)
-0.5
V
m ohm
VGS=-4.5V , ID=-1.4A
RDS(ON)
Drain-Source On-State Resistance
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=-1mA
VDS=-16V , VGS=0V
VGS=±10V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=-250uA
ON CHARACTERISTICS
STS6415
Ver 1.0
-0.8
-1.5
gFS
6
S
VSD
CISS
347
pF
COSS
100
pF
CRSS
81
pF
Qg
17
nC
30
nC
Qgs
15
nC
Qgd
8.3
tD(ON)
5
ns
tr
0.4
ns
tD(OFF)
2.2
ns
tf
ns
Gate-Drain Charge
VDS=-10V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=-16V
ID=-1.4A
VGS=-4.5V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
VDS=-5V , ID=-1.4A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
Forward Transconductance
Diode Forward Voltage
Reverse Transfer Capacitance
VGS=-2.5V , ID=-1.4A
m ohm
c
f=1.0MHz
c
VDS=-16V,ID=-2.8A,
VGS=-4.5V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=-0.5A
-0.8
-1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
c.Guaranteed by design, not subject to production testing.
_
_
www.samhop.com.tw
Sep,14,2012
2
_
76
100
102
138
VGS=-3.1V , ID=-1.4A
m ohm
90
121
m ohm
VGS=-4.0V , ID=-1.4A
80
105
m ohm
VGS=-3.7V , ID=-1.4A
83
110
62
82
74
65
68



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com